Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0702871265 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0702871265
Descripción Electrónicos  2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 44 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0702871265 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0702871265 Datasheet HTML 1Page - Molex Electronics Ltd. 0702871265 Datasheet HTML 2Page - Molex Electronics Ltd. 0702871265 Datasheet HTML 3Page - Molex Electronics Ltd. 0702871265 Datasheet HTML 4Page - Molex Electronics Ltd. 0702871265 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Shrouded
No
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +120°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-70280
Sales Drawing
SD-70287-003
This document was generated on 04/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0702871265

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0702871260 MOLEX8-0702871260 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 34 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
0702871261 MOLEX8-0702871261 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 36 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
0702871262 MOLEX8-0702871262 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 38 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
0702871263 MOLEX8-0702871263 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 40 Circuits, 8.13mm
0702871264 MOLEX8-0702871264 Datasheet
314Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 42 Circuits, 8.13mm (.320") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com