Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74650-2602 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
74650-2602 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0746502602 Status: Active Overview: vhdm__hsd Description: 2.00mm (.079") Pitch 8-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield, 150 Circuits, Pin Length 6.25mm (.246") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 General Product Family Backplane Connectors Series 74650 Application Backplane Application Tooling Documents <a href="http://www.molex.com/pdm_docs/ats/ TM-622010999.pdf">Tooling Manual</a> Comments No Keying Position Component Type PCB Header Overview vhdm__hsd Product Name VHDM-HSD™ Style N/A Physical Circuits (Loaded) 150 Circuits (maximum) 150 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part Yes Keying to Mating Part None Material - Metal Copper-Nickel-Silicon, High Performance Alloy (HPA), Stainless Steel Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Columns 25 Number of Pairs Open Pin Field Number of Rows 8 Orientation Vertical PC Tail Length (in) 0.098 In PC Tail Length (mm) 2.50 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.070 In PCB Thickness Recommended (mm) 1.80 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74650Series Mates With HSD Daughtercards 74680 , 74686 Use With Daughtercard Modules Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM® Insertion Module for Advanced Mate Signal Header, 6 Row by 25 Wide, 50.00mm (1.97") 0622020206 |
Número de pieza similar - 74650-2602 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |