Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0740298000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0740298000
Descripción Electrónicos  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Receptacle Power ModuleVertical, 8-Row, 3 Circuits, Gold (Au) Selective 0.76關m (30關")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0740298000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0740298000 Datasheet HTML 1Page - Molex Electronics Ltd. 0740298000 Datasheet HTML 2Page - Molex Electronics Ltd. 0740298000 Datasheet HTML 3Page - Molex Electronics Ltd. 0740298000 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plating min: Termination (µin)
15
Plating min: Termination (µm)
0.375
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
10A
Data Rate
2.5 Gbps
Real Signals (per 25mm)
100
Shielded
No
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0876
Product Specification
PS-74031-999
Sales Drawing
SD-74029-002, SD-74029-009
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0740298000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0740298050 MOLEX8-0740298050 Datasheet
153Kb / 3P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Backplane Receptacle Power Module, Vertical, 8-Row, 3 Circuits, Gold (Au) Selective 1.27關m (50關)
0740298050 MOLEX1-0740298050_18 Datasheet
36Kb / 2P
   VHDM Board-to-Board Backplane Receptacle Power Module, 2.00mm Pitch, Vertical, 8 Rows, 3 Circuits, Gold (Au) Selective 1.27m
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com