Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74301-1000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 74301-1000
Descripción Electrónicos  2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Extended PC Tail, Open End Option, 144 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74301-1000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74301-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 74301-1000 Datasheet HTML 2Page - Molex Electronics Ltd. 74301-1000 Datasheet HTML 3Page - Molex Electronics Ltd. 74301-1000 Datasheet HTML 4Page - Molex Electronics Ltd. 74301-1000 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0743011000
Status:
Active
Overview:
hdm
Description:
2.00mm (.079") Pitch HDM® Board-to-Board Backplane Header, Vertical, SMC, Press-
Fit, Extended PC Tail, Open End Option, 144 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74301
Application
Backplane
Component Type
PCB Header
Overview
hdm
Product Name
HDM®
Style
N/A
Physical
Circuits (Loaded)
144
Circuits (maximum)
144
Color - Resin
Black, Natural
Durability (mating cycles max)
250
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
24
Number of Pairs
Open Pin Field
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.276 In
PC Tail Length (mm)
7.00 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.098 In
PCB Thickness Recommended (mm)
2.50 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
15
Plating min: Termination (µm)
0.375
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74301Series


Número de pieza similar - 74301-1000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74301-1100 MOLEX8-74301-1100 Datasheet
199Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, Press-Fit, Extended PC Tail, Open End Option, 144 Circuits
74301-1200 MOLEX8-74301-1200 Datasheet
199Kb / 5P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Backplane Header, Vertical, SMC, PressFit, Extended PC Tail, Open End Option, 144 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com