Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0713086462 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

No. de pieza 0713086462
Descripción Electrónicos  2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 62 Circuits,1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130")
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0713086462 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  0713086462 Datasheet HTML 1Page - Molex Electronics Ltd. 0713086462 Datasheet HTML 2Page - Molex Electronics Ltd. 0713086462 Datasheet HTML 3Page - Molex Electronics Ltd. 0713086462 Datasheet HTML 4Page - Molex Electronics Ltd. 0713086462 Datasheet HTML 5Page - Molex Electronics Ltd. 0713086462 Datasheet HTML 6Page - Molex Electronics Ltd. 0713086462 Datasheet HTML 7Page - Molex Electronics Ltd. 0713086462 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image


Número de pieza similar - 0713086462

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0713086460 MOLEX8-0713086460 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, 60 Circuits, 1.50um (59u") Minimum
0713086464 MOLEX8-0713086464 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 64 Circuits,1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130") PCB Locator Pegs
0713086466 MOLEX8-0713086466 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 66 Circuits1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130")
0713086468 MOLEX8-0713086468 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 68 Circuits1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130")
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com