Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0705550073 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 0705550073
Descripción Electrónicos  2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shroudedwith Press-fit Plastic Peg, 4 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0705550073 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0705550073 Datasheet HTML 1Page - Molex Electronics Ltd. 0705550073 Datasheet HTML 2Page - Molex Electronics Ltd. 0705550073 Datasheet HTML 3Page - Molex Electronics Ltd. 0705550073 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
1
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0015
Product Specification
PS-70400, PS-70541
Sales Drawing
SDA-70555-****
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0705550073

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0705550071 MOLEX8-0705550071 Datasheet
329Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Press-fit Plastic
0705550072 MOLEX8-0705550072 Datasheet
329Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Press-fit Plastic Peg, 3
0705550074 MOLEX8-0705550074 Datasheet
329Kb / 4P
   2.54mm (.100") Pitch SL Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Press-fit Plastic Peg
0705550075 MOLEX8-0705550075 Datasheet
329Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded,with Press-fit Plastic Peg, 6 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
0705550076 MOLEX8-0705550076 Datasheet
329Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded,with Press-fit Plastic Peg, 7 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com