Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK1188 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza 2SK1188
Descripción Electrónicos  MOSFET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SK1188 Datasheet(HTML) 1 Page - Sanken electric

  2SK1188 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute Maximum Ratings
Electrical Characteristics
Symbol
Ratings
Unit
VDSS
60
V(BR) DSS
60
V
ID = 250
µA, VGS = 0V
V
VGSS
±20
IGSS
±500
nA
VGS =
±20V
V
ID
±10
IDSS
250
µAVDS = 60V, VGS = 0V
A
ID (pulse)
(Ta = 25ºC)
(Ta = 25ºC)
VTH
2.0
4.0
V
VDS = 10V, ID = 250
µA
A
PD
25 (Tc = 25ºC)
Re (yfs)
2.2
3.3
S
VDS = 10V, ID = 5.0A
W
EAS
2.1
RDS (on)
0.15
0.2
VGS = 10V, ID = 5.0A
mJ
Tch
150
*
: VDD = 25V, L = 50
µH, IL = 7.0A, unclamped,
See Figure 1 on Page 5.
Ciss
300
pF
VDS = 25V, f = 1.0MHz,
VGS = 0V
ID = 5A, VDD = 30V,
VGS = 10V,
See Figure 2 on Page 5.
ºC
Tstg
–55 to +150
Coss
160
pF
ºC
ton
35
ns
toff
35
ns
Symbol
Unit
Conditions
Ratings
typ
max
min
18
*
03
5
V
4V
GS =
5V
10V
V
10V
GS =
0
0
17
10
0.1
0.2
0.3
–50
0
0
50
100
150
0.1
0.2
0.3
0.4
510
20
V
10V
DS =
25ºC
125ºC
0.05
0.3
0.1
0.5
1
10
0.5
1
10
V
10V
DS =
25ºC
125ºC
0
10
10
20
30
40
50
50
100
500
1000
V
0V
GS
=
f
1MHz
=
Ciss
Coss
Crss
0
0.2
0.4
0.6
0.8
1.4
V
0V
GS =
5V
024
6
8
10
0
2
4
6
I
5A
D =
I
10A
D =
V
10V
GS =
I
5 A
D =
T
55ºC
C = –
T
55ºC
C = –
0.5
1
5
10
50 100
0.5
1
5
10
50
ID (pulse) max
D
I max
1m
s
100
µ
s
DC
O
PERATIO
N
10ms
(1shot)
R
D
S (O
N
)
LIMITED
0.1
0
10
20
25
0
50
100
150
Without heatsink
6V
7V
1
24
234
5
6
8
9
5
5
10
4
2
0
8
6
1.0
1.2
10V
10
4
2
0
8
6
10
4
2
0
8
6
2SK1188
External dimensions 1 ...... FM20
±40 (Tch 150ºC)
(Tc = 25ºC)
Ta (ºC)
VDS — ID Characteristics
ID — Re (yfs) Characteristics
VDS — Capacitance Characteristics
VSD — IDR Characteristics
Ta — PD Characteristics
Safe Operating Area
VGS — VDS Characteristics
TC — RDS (ON) Characteristics
VGS — ID Characteristics
ID — RDS (ON) Characteristics
VDS (V)
VDS (V)
VSD (V)
Tc (ºC)
VGS (V)
ID (A)
VGS (V)
VDS (V)
ID (A)


Número de pieza similar - 2SK1188

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK1188 ISC-2SK1188 Datasheet
269Kb / 2P
   Isc N-Channel MOSFETransistor
More results

Descripción similar - 2SK1188

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
International Rectifier
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
logo
Sanken electric
2SJ425 SANKEN-2SJ425 Datasheet
34Kb / 1P
   MOSFET
2SK1178 SANKEN-2SK1178 Datasheet
34Kb / 1P
   MOSFET
2SK2708 SANKEN-2SK2708 Datasheet
35Kb / 1P
   MOSFET
2SK2803 SANKEN-2SK2803 Datasheet
25Kb / 2P
   MOSFET
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com