Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0743370064 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 0743370064
Descripción Electrónicos  0.80mm (.031") Pitch Ultra VHDCI Wire-to-Board Receptacle, Stacked, Right Angle, with or without Enhanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX8 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0743370064 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0743370064 Datasheet HTML 1Page - Molex Electronics Ltd. 0743370064 Datasheet HTML 2Page - Molex Electronics Ltd. 0743370064 Datasheet HTML 3Page - Molex Electronics Ltd. 0743370064 Datasheet HTML 4Page - Molex Electronics Ltd. 0743370064 Datasheet HTML 5Page - Molex Electronics Ltd. 0743370064 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Número de pieza similar - 0743370064

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0743370060 MOLEX8-0743370060 Datasheet
678Kb / 6P
   0.80mm (.031) Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, Four Press-Fit Boardlocks, 136 Circuits, PC Tail Length 2.30mm (.091)
0743370061 MOLEX8-0743370061 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Wire-to-Board Receptacle, Stacked, Right Anglewith or without Enhanced Shield, Version 4 Footprint, 136 Circuits
0743370062 MOLEX8-0743370062 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, EnhancedShield, Press-Fit PCB Retention Option, 136 Circuits, without Screw Locks and Cover
0743370063 MOLEX8-0743370063 Datasheet
678Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, Version 4Footprint, 136 Circuits
0743370065 MOLEX8-0743370065 Datasheet
677Kb / 6P
   0.80mm (.031") Pitch Ultra??VHDCI Receptacle, Stacked, Right Angle, EnhancedShield, Press-Fit PCB Retention Option, 136 Circuits, with Screw Locks, without Cover
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com