Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
0737800226 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0737800226 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0737800226 Status: Active Overview: hdm Description: 2.00mm (.079") Pitch HDM® Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, 72 Circuits, Mounted Height 16.00mm (.630"), Pin Length 2.00mm (.079"), Solder Tail Documents: 3D Model Product Specification PS-73780-999 (PDF) Test Summary (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) General Product Family Backplane Connectors Series 73780 Application Daughtercard, Mezzanine Comments Solder Tail Component Type PCB Receptacle Overview hdm Product Name HDM® Style N/A Physical Circuits (Loaded) 72 Circuits (maximum) 72 Color - Resin Black Durability (mating cycles max) 250 First Mate / Last Break No Guide to Mating Part No Keying to Mating Part None Material - Metal Copper-Nickel-Tin Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Columns 12 Number of Pairs Open Pin Field Number of Rows 6 Orientation Vertical PC Tail Length (in) 0.079 In PC Tail Length (mm) 2.00 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.063 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Pitch - Term. Interface (in) 0.079 In Pitch - Term. Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Polarized to PCB No Stackable Yes Surface Mount Compatible (SMC) Yes Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 73780Series Mates With HDM® Board-to-Board Backplane Header 73642 , 73643 , 73644 , 73942 , 73943 , 73944 , 74349 , 74428. HDM® Board-to- Board Stacking Header 73769 , 73770 , 73782 , 73783 , 73771 |
Número de pieza similar - 0737800226 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |