Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74981-1011 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

No. de pieza 74981-1011
Descripción Electrónicos  2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield End Version, 40 Circuits, Pin Length 4.75mm (.187")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX9 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74981-1011 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  74981-1011 Datasheet HTML 1Page - Molex Electronics Ltd. 74981-1011 Datasheet HTML 2Page - Molex Electronics Ltd. 74981-1011 Datasheet HTML 3Page - Molex Electronics Ltd. 74981-1011 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Número de pieza similar - 74981-1011

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74981-1013 MOLEX9-74981-1013 Datasheet
417Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits
74981-1014 MOLEX9-74981-1014 Datasheet
417Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 5.15mm (.203)
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com