Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RU31 Datasheet(PDF) 1 Page - Sanken electric

No. de Pieza. RU31
Descripción  Fast-Recovery Rectifier Diodes
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo 

RU31 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.2
±0.05
5.2
±0.2
Cathode Mark
0
30
60
90
120
150
Overcurrent Cycles
1
IFMS Rating
5
50
10
20ms
RU 31, 31A
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR=VRM
max
Rth( j- )
VR=VRM
Tj=100
°C max
IR
(
µA)
IR(H)
(
µA)
trr Œ
(
µs)
trr 
(
µs)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics ( Ta =25
°C)
(
°C/W)
(g)
Mass
Others
RU 31
400
3.0
150
1.2
3.0
50
500
0.4
100/100
100/200
–40 to +150
0.18
10
1.0
A
RU 31A
600
1
IF(AV)
(A)
DC
DC
t/ T=1/ 3, Sinewave
t/ T=1/ 3, Sinewave
t
T
Tj=150
°C
t
T
Tj =150
°C
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
3
2.5
Average Forward Current IF(AV) (A)
70
90
110
130
150
Lead Temperature T (
°C)
IF(AV) – PF Characteristics
IF(AV) – T Characteristics
t/ T=1/6
t/ T=1/6
t/ T=1/2
t/ T=1/2
Fast-Recovery Rectifier Diodes
50Hz
Half-cycle Sinewave
Single Shot
Fig.
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.


Html Pages

1 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
RU2YXFast-Recovery Rectifier Diodes 1 Sanken electric
AP01CFast-Recovery Rectifier Diodes 1 Sanken electric
RU3MFast-Recovery Rectifier Diodes 1 Sanken electric
AS01Fast-Recovery Rectifier Diodes 1 Sanken electric
FMU-12SFast-Recovery Rectifier Diodes 1 Sanken electric
AS01ZFast-Recovery Rectifier Diodes 1 Sanken electric
FMU-G16SFast-Recovery Rectifier Diodes 1 Sanken electric
RU4MFast-Recovery Rectifier Diodes 1 Sanken electric
RU4YFast-Recovery Rectifier Diodes 1 Sanken electric
EU01AFast-Recovery Rectifier Diodes 1 2 Sanken electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn