Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RU4Y Datasheet(PDF) 1 Page - Sanken electric

No. de Pieza. RU4Y
Descripción  Fast-Recovery Rectifier Diodes
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo 

RU4Y Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
25
50
75
100
125
150
0
1.0
2.0
3.0
0
1
5
50
10
20ms
10
60
5mm
20•20•1t Cu
5mm
0.4
0.8
1.2
1.6
0
2.0
Ta 150ºC
=
60ºC
100ºC
25ºC
20
30
40
50
0
1
5
50
10
20ms
10
20
30
40
50
1.4
±0.1
6.5
±0.2
Cathode Mark
3.5
0
1
5
50
10
20ms
10
20
30
40
50
60
70
RU 4Y, 4Z
RU 4, 4A, 4B
RU 4C
1
10
50
0.1
0.01
0.001
0.4
0.8
1.2
1.6
0
2.0
Ta 150ºC
=
60ºC
100ºC
25ºC
1
10
50
0.1
0.01
0.001
0.4
0.8
1.2
1.6
0
2.0
Ta 150ºC
=
60ºC
100ºC
25ºC
1
10
50
0.1
0.01
0.001
0
25
50
75
100
125
150
0
1.0
0.5
1.5
2.0
2.5
3.0
60
5mm
20•20•1t Cu
5mm
0
25
50
75
100
125
150
0
1.0
0.5
1.5
2.0
60
5mm
20•20•1t Cu
5mm
2.5
A
Fast-Recovery Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
IF
/IRP
(mA)
VR =VRM
max
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
RU 4Y
100
RU 4Z
200
RU 4
400
RU 4A
600
RU 4B
800
RU 4C
1000
2.0 (3.5)
1.5 (3.0)
1.5 (2.5)
70
1.3
3.5
10
300
0.4
10/10
10/20
40 to +150
0.18
50
1.5
1.6
3.0
50
500
100/100
100/200
8.0
1.2
36
IF (AV) (A)
W
ithout
Heatsink
Without
Heatsink
Fig.
50Hz
Half-cycle Sinewave
Single Shot
( ) is with
Heatsink
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Ambient Temperature Ta (
°C)
Overcurrent Cycles
IFMS Rating
Ta —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
trr
Œ
(
µs)
trr

(
µs)
Rth (j- )


Html Pages

1 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
RU2YXFast-Recovery Rectifier Diodes 1 Sanken electric
AP01CFast-Recovery Rectifier Diodes 1 Sanken electric
RU31Fast-Recovery Rectifier Diodes 1 Sanken electric
AS01Fast-Recovery Rectifier Diodes 1 Sanken electric
FMU-12SFast-Recovery Rectifier Diodes 1 Sanken electric
RU3MFast-Recovery Rectifier Diodes 1 Sanken electric
AS01ZFast-Recovery Rectifier Diodes 1 Sanken electric
FMU-G16SFast-Recovery Rectifier Diodes 1 Sanken electric
RU4MFast-Recovery Rectifier Diodes 1 Sanken electric
EU01AFast-Recovery Rectifier Diodes 1 2 Sanken electric

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn