Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3090C Datasheet(PDF) 7 Page - Sanken electric

No. de pieza SI-3090C
Descripción Electrónicos  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3090C Datasheet(HTML) 7 Page - Sanken electric

  SI-3090C Datasheet HTML 1Page - Sanken electric SI-3090C Datasheet HTML 2Page - Sanken electric SI-3090C Datasheet HTML 3Page - Sanken electric SI-3090C Datasheet HTML 4Page - Sanken electric SI-3090C Datasheet HTML 5Page - Sanken electric SI-3090C Datasheet HTML 6Page - Sanken electric SI-3090C Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
45
sTypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3050C)
Circuit Current(SI-3050C)
Rise Characteristics(SI-3033C)
Rise Characteristics(SI-3050C)
Rise Characteristics(SI-3240C)
Overcurrent Protection Characteristics(SI-3033C)
Overcurrent ProtectionCharacteristics(SI-3050C)
Overcurrent Protection Characteristics(SI-3240C)
ON/OFF Control Characteristics(SI-3050C)
Thermal ProtectionCharacteristics(SI-3050C)
–40 –20
0
20
40
60
80
100 120 140
5.08
5.06
5.04
5.02
5.00
4.98
4.96
Ambient Temperature Ta (
°C)
VIN=8V
lO=0A
VO=5V
0
1.0
2.0
3.0
4.0
6
5
4
3
2
1
0
Output Current lO (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
5
4
3
2
1
0
Output Current IO (A)
5V
6V
8V
0
1.0
2.0
3.0
4.0
6
5
4
3
2
1
0
Output ON/OFF Control Voltage (V)
VIN=8V
lO=1A
off
on
20
60
100
140
180
6
5
4
3
2
1
0
Case Temperature TC (
°C)
VIN=8V
lO=10mA
(Ta=25
°C)
qSI-3000C Series
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.
0
0.5
1.0
1.5
0.8
0.6
0.4
0.2
0
Output Current lO (A)
02
4
6
8
10
50
40
30
20
10
0
Input Voltage VIN (V)
VO=5V
IO=1.5A
1.0A
0.5A
0A
0
1
234
5
6
5
4
3
2
1
0
Input Voltage VIN (V)
1A
1.5A
0.5A
0
123
4
5
6
7
7
6
5
4
3
2
1
0
Input Voltage VIN (V)
1.5A
lO
=0A
0.5A
1A
010
20
30
40
30
25
20
15
10
5
0
Input Voltage VIN (V)
lO=0A
0.5A
1A
1.5A
0
1.0
2.0
3.0
4.0
25
20
15
10
5
0
Output Current lO (A)
27V


Número de pieza similar - SI-3090C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI-3090C ETC-SI-3090C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
SI-3090C ALLEGRO-SI-3090C Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
More results

Descripción similar - SI-3090C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com