Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3090N Datasheet(PDF) 3 Page - Sanken electric

No. de pieza SI3090N
Descripción Electrónicos  3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI3090N Datasheet(HTML) 3 Page - Sanken electric

  SI3090N Datasheet HTML 1Page - Sanken electric SI3090N Datasheet HTML 2Page - Sanken electric SI3090N Datasheet HTML 3Page - Sanken electric SI3090N Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
18
sBlock Diagram
sStandard External Circuit
3
MIC
1
2
Tr1
D1
C0
C2
C1
DC Input
VIN
DC Output
VO
32
1
SI-3000N
*1
*2
++
sTa-PD Characteristics
PD=IO•[VIN(mean)–VO]
C0
: Output capacitor (47 to 100
µF)
*1 C1
: Oscillation prevention capacitor
C2
(C1: Approx. 47
µF, C2: 0.33µF)
These capacitors are required if the input line is
inductive and in the case of long wiring. Tantalum
capacitors are recommended for C1 and C0, particularly
at low temperatures.
*2 D1
: Protection diode
This diode is required for protection against reverse
biasing of the input and output. Sanken EU2Z is
recommended.
qSI-3000N Series
15
10
5
0
–30
025
50
Ambient Temperature Ta (
°C)
75
100
200
×
200
×
2mm
(2.3
°C/W)
100
×100
×2mm
(5.2
°C/W)
75×
75×
2mm
(7.6
°C/W)
Infinite heatsink
Without heatsink
With Silicon Grease
Heatsink: Aluminum


Número de pieza similar - SI3090N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI3090C SANKEN-SI3090C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3090C ETC-SI3090C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Descripción similar - SI3090N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000V SANKEN-SI-3000V Datasheet
41Kb / 4P
   3-Terminal, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com