Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-8033S Datasheet(PDF) 4 Page - Sanken electric

No. de pieza SI-8033S
Descripción Electrónicos  Full-Mold, Separate Excitation Switching Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8033S Datasheet(HTML) 4 Page - Sanken electric

  SI-8033S Datasheet HTML 1Page - Sanken electric SI-8033S Datasheet HTML 2Page - Sanken electric SI-8033S Datasheet HTML 3Page - Sanken electric SI-8033S Datasheet HTML 4Page - Sanken electric SI-8033S Datasheet HTML 5Page - Sanken electric SI-8033S Datasheet HTML 6Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
83
sTypical Characteristics
Rise Characteristics(SI-8050S)
Efficiency Characteristics(SI-8050S)
Load Regulation(SI-8050S)
Temperature Characteristics(SI-8050S)
Overcurrent Protection Characteristics(SI-8050S)
Thermal Protection Characteristics(SI-8050S)
Rise Characteristics(SI-8120S)
Efficiency Characteristics(SI-8120S)
Load Regulation(SI-8120S)
0
10
8
6
4
2
0
24
6
Input Voltage VIN (V)
810
12
*Load=C.C Ta=25°C
Output Current IO (A)
0
100
90
80
70
60
50
0
0.5
1.0
1.5
2.0
2.5
3.0
Ta=25
°C
VIN=40V
7V
10V
20V
Output Current IO (A)
0
5.15
5.10
5.05
5.00
4.95
0
0.5
1.0
1.5
2.0
2.5
3.0
Ta=25
°C
10V
VIN=40V
7V
20V
–50
100
90
80
70
60
0
5.15
5.10
5.05
5.00
4.95
0
–25
0
25
Ambient Temperature Ta (
°C)
50
75
100
(VIN=20V,IO=1A)
VO
f
η
Output Current IO (A)
0
10
8
6
4
2
0
12
3
4
5
6
Ta=25
°C
20V
50
10
8
6
4
2
0
75
100
125
Ambient Temperature Ta (
°C)
150
175
200
(VIN=20V,IO=0A)
TSD ON
TSD OFF
Ta=25
°C
24V
15V
Output Current IO (A)
0
100
90
80
70
60
50
0
0.5
1.0
1.5
2.0
2.5
3.0
VIN=40V
Output Current IO (A)
Ta=25
°C
0
12.3
12.2
12.1
12.0
11.9
0
0.5
1.0
1.5
2.0
2.5
3.0
24V
15V
VIN=40V
Note on Thermal Protection:
The thermal protection circuit is intended for pro-
tection against heat during instantaneous short-
circuiting. Its operation is not guaranteed for short-
circuiting over extended periods of time.
qSI-8000S Series
0
25
20
15
10
5
0
510
15
Input Voltage VIN (V)
20
25
30
*Load=C.C Ta=25°C
3A


Número de pieza similar - SI-8033S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-8033S SANKEN-SI-8033S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8033SD SANKEN-SI-8033SD Datasheet
455Kb / 5P
   Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8033SD SANKEN-SI-8033SD Datasheet
55Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results

Descripción similar - SI-8033S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
   Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF Datasheet
87Kb / 6P
   Full-Mold, Separate Excitation Switching Type
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com