Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA4041 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza SLA4041
Descripción Electrónicos  NPN Darlington With built-in flywheel diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA4041 Datasheet(HTML) 1 Page - Sanken electric

  SLA4041 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Characteristic curves
IC-VCE Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
VCE(sat)-IC Temperature Characteristics (Typical)
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
θj-a-PW Characteristics
PT-Ta Characteristics
Safe Operating Area (SOA)
SLA4041
(Ta=25
°C)
Symbol
Ratings
Unit
VCBO
200
V
VCEO
200
V
VEBO
6V
IC
3A
ICP
6 (PW
≤10ms, Du≤50%)
A
IB
0.2
A
IF
3 (PW
≤0.5ms, Du≤25%)
A
IFSM
6 (PW
≤10ms, single)
A
VR
200
V
5 (Ta=25
°C)
25 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
(Ta=25
°C)
Symbol
Unit
Conditions
ICBO
10
µAVCB=200V
IEBO
10
mA
VEB=6V
VCEO
200
V
IC=10mA
hFE
1000
6000
15000
VCE=4V, IC=1.5A
VCE(sat)
1.1
1.5
V
VBE(sat)
1.7
2.0
V
VFEC
1.5
V
IFEC=2.0A
sEquivalent circuit diagram
PT
W
IC=1.5A, IB=3mA
(Ta=25
°C)
Symbol
Unit
Conditions
VR
200
V
IR=10
µA
VF
1.6
V
IF=1A
IR
10
µAVR=200V
trr
100
ns
IF=
±100mA
qDiode for flyback voltage absorption
6
5
4
3
2
1
0
0
1
2
3456
VCE (V)
30m
A
100mA
3mA
10mA
1mA
(VCE=4V)
5000
1000
500
100
50
30
0.03
0.05 0.1
0.5
1
5 6
IC (A)
5000
1000
500
100
50
30
0.03 0.05
0.1
0.5
5 6
(VCE=4V)
IC (A)
25
°C
–30
°C
3
2
1
0
0.2
0.5
1
5 6
IC (A)
(IC / IB=100)
3
2
1
0
IC=3A
IC=1.5A
IC=1A
0.5
1
5
10
50
100 200
IB (mA)
6
5
4
3
2
1
0
01
2
3
VBE (V)
(VCE=4V)
20
10
5
1
0.5
1
5
10
50
100
500 1000
PW (mS)
25
20
15
10
5
0
–40
0
50
100
150
Ta (
°C)
Without Heatsink
10
0
×
10
0
×
2
50×
50×
2
With Silicone Grease
Natural Cooling
Heatsink: Aluminum
in mm
10
5
1
0.5
0.1
0.05
0.03
5
10
50
100
200
VCE (V)
Single Pulse
Without Heatsink
Ta=25
°C
R1: 2k
Ω typ R2: 200Ω typ
1
23
4
6
5
R1 R2
8
910
11
7
12
NPN Darlington
With built-in flywheel diode
Absolute maximum ratings
Electrical characteristics
Specification
min
typ
max
Specification
min
typ
max
External dimensions
A • • • SLA (12-pin)


Número de pieza similar - SLA4041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA4041 SANKEN-SLA4041 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041_06 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
More results

Descripción similar - SLA4041

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMA4036 ETC-SMA4036 Datasheet
37Kb / 1P
   NPN Darlington With built-in flywheel diode
logo
Sanken electric
SLA4041 SANKEN-SLA4041_06 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4041 SANKEN-SLA4041 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4032 SANKEN-SMA4032_01 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4031 SANKEN-SLA4031 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4033 SANKEN-SMA4033 Datasheet
38Kb / 1P
   NPN Darlington With built-in flywheel diode
SMA4038 SANKEN-SMA4038 Datasheet
906Kb / 2P
   NPN Darlington With built-in flywheel diode
SDH02 SANKEN-SDH02 Datasheet
22Kb / 1P
   NPN Darlington With built-in flywheel diode
SLA4061 SANKEN-SLA4061 Datasheet
23Kb / 1P
   NPN Darlington With built-in flywheel diode
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com