Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA5057 Datasheet(PDF) 1 Page - Sanken electric

No. de pieza SLA5057
Descripción Electrónicos  N-channel General purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5057 Datasheet(HTML) 1 Page - Sanken electric

  SLA5057 Datasheet HTML 1Page - Sanken electric SLA5057 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FET 1
FET 2
FET 1
FET 1
FET 2
FET 2
FET 1
FET 2
Characteristic curves
(Ta=25
°C)
Symbol
Unit
VDSS
200
V
VGSS
±20
V
ID
±7A
ID(pulse) *
±15
A
5 (Ta=25
°C, with all circuits operating, without heatsink)
W
35 (Tc=25
°C, with all circuits operating, with infinite heatsink)
W
θj-a
25 (Junction-Air, Ta=25
°C, with all circuits operating)
°C/W
θj-c
3.57 (Junction-Case, Tc=25
°C, with all circuits operating)
°C/W
VISO
1000 (Between fin and lead pin, AC)
Vrms
Tch
150
°C
Tstg
–40 to +150
°C
* : PW
≤100
µs, duty≤50%
SLA5057
External dimensions A • • • SLA
sEquivalent circuit diagram
Absolute maximum ratings
ID-VDS Characteristics (Typical)
ID-VGS Characteristics (Typical)
RDS(ON)-ID Characteristics (Typical)
RDS(ON)-TC Characteristics (Typical)
02
4
0
4
2
6
8
10
6
VDS (V)
810
6V
5V
4.5V
VGS=4V
02
4
0
4
2
6
8
10
6
VGS (V)
8
(VDS=10V)
25
°C
02
4
6
8
0
3
2
1
4
5
7
6
10
VDS (V)
5.5V
5V
4.5V
VGS=4V
N-channel
General purpose
PT
2
3
1
5
6
7
8
9
10
11
12
15
13
14
FET-1
FET-1
FET-2
FET-2
FET-2
FET-2
4 pin is NC
02
4
0
4
3
2
1
5
6
7
6
VGS (V)
8
(VDS=10V)
TC= –40
°C
25
°C
125
°C
02
0
50
100
150
200
ID (A)
410
8
6
(VGS=10V)
02
13
4
0
0.2
0.1
0.3
0.4
0.5
5
ID (A)
67
(VGS=10V)
–40
0
400
300
200
100
TC (
°C)
150
100
50
0
ID=5A
VGS=10V
–40
0
0
0.4
0.2
0.6
0.8
1.0
50
TC (
°C)
100
150
ID=3.5A
VGS=10V
Ratings
FET 1
FET 2


Número de pieza similar - SLA5057

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5054 SANKEN-SLA5054 Datasheet
38Kb / 2P
   N-channel General purpose
SLA5055 SANKEN-SLA5055 Datasheet
29Kb / 2P
   N-channel General purpose
SLA5058 SANKEN-SLA5058 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5059 SANKEN-SLA5059 Datasheet
28Kb / 2P
   N-channel P-channel 3-phase motor drive
More results

Descripción similar - SLA5057

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA5044 SANKEN-SLA5044 Datasheet
20Kb / 1P
   N-channel General purpose
SLA5041 SANKEN-SLA5041_06 Datasheet
35Kb / 1P
   N-channel General purpose
logo
List of Unclassifed Man...
SLA5077 ETC-SLA5077 Datasheet
28Kb / 1P
   N-channel General purpose
logo
Sanken electric
SLA5011 SANKEN-SLA5011 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5042 SANKEN-SLA5042 Datasheet
22Kb / 1P
   N-channel General purpose
SLA5047 SANKEN-SLA5047 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5052 SANKEN-SLA5052 Datasheet
21Kb / 1P
   N-channel General purpose
SLA5037 SANKEN-SLA5037_06 Datasheet
34Kb / 1P
   N-channel General purpose
SLA5085 SANKEN-SLA5085 Datasheet
36Kb / 1P
   N-channel General purpose
SDK04 SANKEN-SDK04 Datasheet
12Kb / 1P
   N-channel General purpose
SLA5026 SANKEN-SLA5026 Datasheet
21Kb / 1P
   N-channel General purpose
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com