Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-93070-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-93070-001
Descripción Electrónicos  2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 12 Circuits, Glow Wire Compatible, with Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-93070-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-93070-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-93070-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-93070-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-93070-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-93070-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0930704501
Status:
Active
Overview:
rast_25_connector_system
Description:
2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 12 Circuits, Glow Wire
Compatible, with Latch
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
93070
Application
Wire-to-Board
Overview
rast_25_connector_system
Product Name
RAST 2.5
Physical
Breakaway
No
Circuits (Loaded)
12
Circuits Detail
12
Color - Resin
Natural
Durability (mating cycles max)
10
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
Yes
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.130 In
PC Tail Length (mm)
3.30 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.059 In
PCB Thickness Recommended (mm)
1.50 mm
Packaging Type
Carton
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
6A
Voltage - Maximum
32V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
93070Series


Número de pieza similar - SD-93070-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-93070-001 MOLEX11-SD-93070-001 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 9 Circuits, Glow Wire Compatible
SD-93070-001 MOLEX11-SD-93070-001 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Glow Wire Compatible
SD-93070-001 MOLEX11-SD-93070-001 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Glow Wire Compatible, with Latch, Positioning Keys None
SD-93070-001 MOLEX11-SD-93070-001 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 9 Circuits, Glow Wire Compatible
SD-93070-001 MOLEX11-SD-93070-001 Datasheet
407Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 3 Circuits, Glow Wire Compatible
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com