Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA-90628 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SDA-90628
Descripción Electrónicos  2.54mm (.100") Pitch C-Grid III Header, Dual Row, Vertical, with Kinked PC Tail, 16 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-90628 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-90628 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-90628 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-90628 Datasheet HTML 3Page - Molex Electronics Ltd. SDA-90628 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0906280768
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid III™ Header, Dual Row, Vertical, with Kinked PC Tail, 16
Circuits, 0.38µm (15µ") Gold (Au) Selective Plating
Replacement Part
Number:
90131-0768
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
PCB Headers
Series
90628
Application
Wire-to-Board
Obsolete Date
2004/12/01
Overview
cgrid__sl_products
Product Name
C-Grid III™
Replacement Part Number
90131-0768
Physical
Breakaway
Yes
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.114 In
PC Tail Length (mm)
2.90 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.061 In
PCB Thickness Recommended (mm)
1.50 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90628Series


Número de pieza similar - SDA-90628

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SDA-90628 MOLEX11-SDA-90628 Datasheet
158Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Dual Row, Vertical, with Kinked PC Tail, 14 Circuits, 0.76關m (30u") Gold (Au)
SDA-90628 MOLEX11-SDA-90628 Datasheet
158Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Dual Row, Vertical, with Kinked PC Tail, 56 Circuits, 0.38um
SDA-90628 MOLEX11-SDA-90628 Datasheet
158Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Dual Row, Vertical, with Kinked PC Tail, 60 Circuits
SDA-90628 MOLEX11-SDA-90628 Datasheet
158Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Dual Row, Vertical, with Kinked PC Tail, 32 Circuits, Tin (Sn) Plating
SDA-90628 MOLEX11-SDA-90628 Datasheet
158Kb / 4P
   2.54mm (.100") Pitch C-Grid III Header, Dual Row, Vertical, with Kinked PC Tail, 24 Circuits, 0.38um
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com