Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-120113-021 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-120113-021
Descripción Electrónicos  Nano-Change Molded Junction Box, Top Mount with Molded Cable, 90째 Angle, 4 Ports
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120113-021 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-120113-021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120113-021 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1201135063
Status:
Active
Overview:
nanochange_40m841_products
Description:
Nano-Change® Molded Junction Box, Top Mount with Molded Cable, 90° Angle, 4
Ports, 5.0m (16.40' ) Cable
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Passive Distribution Boxes
Series
120113
IP Rating
IP67
NEMA Rating
NEMA 6
Overview
nanochange_40m841_products
Product Name
Nano-Change® (M8)
Physical
Bus I/O
Nano-Change® (M8)
Cable Connector Orientation
90° Angle
Cable Length
5.0m (16.40' )
Home Run Cable Length
N/A
Home Run Connector
N/A
Home Run Interface
N/A
Keyway
None
LED Indicator
No
Material - Cable Jacket
PUR
Material - Housing
PBT
Material - Metal
Copper Alloy
Material - Plating Mating
Gold over Nickel
Orientation
Top Mount
Poles
3
Poles (wired)
3
Ports
4
Temperature Range - Operating
-25°C to +90°C
Wiring Configuration
Single I/O per Port
Electrical
Current - Maximum per Contact
2A per port
Functional Wiring
Parallel
Voltage - Maximum
10-30V DC
Material Info
Old Part Number
BNY401P-FBM-05
Reference - Drawing Numbers
Sales Drawing
SD-120113-021
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
120113Series
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-120113-021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-120114-003 MOLEX-SD-120114-003 Datasheet
291Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
SD-120114-003 MOLEX-SD-120114-003 Datasheet
291Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
SD-120114-003 MOLEX-SD-120114-003 Datasheet
291Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
SD-120114-003 MOLEX-SD-120114-003 Datasheet
291Kb / 3P
   MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
SD-120114-006 MOLEX-SD-120114-006 Datasheet
197Kb / 1P
   MICRO-CHANGE MPIS 8 PORT TOP MOUNT PNP #18/3 #22/8 CABLE
2010/03/18
More results

Descripción similar - SD-120113-021

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
1201140187 MOLEX11-1201140187 Datasheet
115Kb / 2P
   Micro-Change짰 Molded Junction Box, Top Mount, 4 Ports
1201150054 MOLEX-1201150054 Datasheet
53Kb / 1P
   Micro-Change Molded Junction Box with Molded Cable, Side Mount, 8 Ports, PNP, 5.0m Cable Length
01/31/2023
1201150046 MOLEX-1201150046 Datasheet
28Kb / 1P
   Micro-Change Molded Junction Box with Molded Cable, Side Mount, Single Keyway, 4 Ports, PNP, 5.0m Cable Length
01/31/2023
1201140081 MOLEX11-1201140081 Datasheet
125Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 8 Ports, LEDs for PNP sensors, with Mini-Change
1201150048 MOLEX-1201150048 Datasheet
34Kb / 1P
   Micro-Change Molded Junction Box with Molded Cable, Side Mount, Single Keyway, 6 Ports, PNP, 5.0m Cable Length
03/11/2022
1201140055 MOLEX11-1201140055 Datasheet
122Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 6 Ports, LEDs for PNP sensors, with Integral Mini-Change
1201140059 MOLEX-1201140059 Datasheet
33Kb / 2P
   Micro-Change Molded Junction Box, Top Mount with Mini-Change 12 Pole Home Run Connector, 8 Ports, NPN
02/13/2019
1201140030 MOLEX11-1201140030 Datasheet
132Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 4 Ports, 2(IO) per port, LEDs for PNP sensors, with Integral
1201150047 MOLEX-1201150047 Datasheet
47Kb / 1P
   Micro-Change Molded Junction Box, Side Mount, Single Keyway with Mini-Change B-Size Molded Home Run Connector, 4 Ports, PNP, 0.30m Cable Length
01/31/2023
1201140082 MOLEX11-1201140082 Datasheet
151Kb / 2P
   Micro-Change Molded Junction Box, Top Mount, 8 Ports, 2(OI) per port, LEDs for PNP sensors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com