Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-91780-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-91780-001
Descripción Electrónicos  2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 6 Circuits, Position
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91780-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-91780-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91780-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91780-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-91780-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-91780-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0917801505
Status:
Active
Overview:
rast_25_connector_system
Description:
2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 6 Circuits,
Position Keys A & G, Polaring Key Between 1 & 2
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-99020-0040 (PDF)
General
Product Family
IDT and Solder Connectors
Series
91780
Crimp Quality Equipment
Yes
Overview
rast_25_connector_system
Product Name
RAST 2.5
Use With
RAST standard interface
Physical
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Natural (White)
Durability (mating cycles max)
10
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.098 In
Pitch - Term. Interface (mm)
2.50 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
22, 24
Electrical
Current - Maximum per Contact
2A, 4A
Voltage - Maximum
32V AC
Material Info
Reference - Drawing Numbers
Application Specification
AS-99033-0008
Product Specification
PS-99020-0040
Sales Drawing
SD-91780-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91780Series
Mates With
90860 Applimate® Vertical Header. 90861
Applimate® Right Angle Header
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
RAST 2.5 Semi-
Automatic
Terminator Machine
For Appli-Mate™
Connectors
0623006200


Número de pieza similar - SD-91780-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-91780-001 MOLEX11-SD-91780-001 Datasheet
460Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, With Side Latches, Female 13 Circuits
SD-91780-001 MOLEX11-SD-91780-001 Datasheet
460Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, With Side Latches, Female, 7 Circuits, Position Keys A
SD-91780-001 MOLEX11-SD-91780-001 Datasheet
460Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, With Side Latches, Female, 3 Circuits
SD-91780-001 MOLEX11-SD-91780-001 Datasheet
460Kb / 5P
   2.50mm (.098") Pitch Appli-Mate RAST 2.5 IDT Housing, With Side Latches, Female, 9 Circuits, Position Keys A & J
SD-91780-001 MOLEX11-SD-91780-001 Datasheet
460Kb / 5P
   2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 3 Circuits, Position Keys
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com