Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-91407-002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-91407-002
Descripción Electrónicos  2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.50關m (20u") Gold (Au) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-91407-002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-91407-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-91407-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-91407-002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0914070002
Status:
Active
Description:
2.54mm (.100") Pitch SIM Card Holder, 6 Circuits, SMT, 0.50µm (20µ") Gold (Au)
Plating, with 6 Solder Tabs, Housing Height 3.40mm (.134"), Lead Free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-91407-004 (PDF)
General
Product Family
Memory Card Sockets
Series
91407
Button Type
N/A
Component Type
Card Holder (Host)
Product Name
SIM
Type
N/A
Physical
Card Detection Switch
N/A
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Durability (mating cycles max)
5,000
Ejector Button Side
No Ejector Button Present
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Palladium
Material - Resin
High Temperature Thermoplastic
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.50
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Ports
1
Temperature Range - Operating
-30°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
50V DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-91407-004, RPS-91407-004
Sales Drawing
SD-91407-002
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91407Series
Mates With
Standard SIM Card


Número de pieza similar - SD-91407-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-91009-001 MOLEX11-SD-91009-001 Datasheet
130Kb / 3P
   Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, without Fuse
SD-91009-001 MOLEX11-SD-91009-001 Datasheet
130Kb / 3P
   Junction Box, ISO, Right Angle, Clinch, Gateway Pin, Direct Grounding, with Fuse
SD-91009-003 MOLEX11-SD-91009-003 Datasheet
226Kb / 3P
   Junction Box, ISO, Right Angle, with Fuse
SD-91009-003 MOLEX11-SD-91009-003 Datasheet
226Kb / 3P
   Junction Box, ISO, Right Angle, without Fuse
SD-91228-001 MOLEX11-SD-91228-001 Datasheet
706Kb / 9P
   2.54mm (.100") Pitch ChipSIM Connector, 6 Circuits, SMT, With Ejector, With Pegs, Use With Card Holder 91236
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com