Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-130055-004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-130055-004
Descripción Electrónicos  Ethernet Pass Thru RJ11 Female Receptacle Shielded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130055-004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-130055-004 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130055-004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300550014
Status:
Active
Overview:
brad_industrial_ethernet_products
Description:
Ethernet Pass Thru RJ11 Female Receptacle Shielded
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Industrial Receptacles
Series
130055
IP Rating
IP67
Overview
brad_industrial_ethernet_products
Product Name
RJ11
Type
Bulkhead Feed-Through
Physical
Coupling Type
External Thread
Gender
N/A
Keyway
None
Length
N/A
Material - Component
ABS
Mounting Thread Size
1" - 14 UNC
Orientation
Straight
Panel Mount
N/A
Poles
N/A
Temperature Range - Operating
-20°C to +80°C
Wire Size AWG
N/A
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
125V DC
Material Info
Old Part Number
ENSP6F5
Reference - Drawing Numbers
Sales Drawing
SD-130055-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130055Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-130055-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-130054-001 MOLEX11-SD-130054-001 Datasheet
81Kb / 1P
   M12 D-CODE CORDSET RECETRACLE
SD-130058-001 MOLEX11-SD-130058-001 Datasheet
58Kb / 1P
   CLOSURE CAP ETHERNET INTERNAL THREAD
More results

Descripción similar - SD-130055-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
1300550001 MOLEX11-1300550001 Datasheet
32Kb / 1P
   Brad RJ-Lnxx Ethernet Pass-Through RJ-45 Female Receptacle Shielded
logo
XFMRS Inc.
XFRJ458-CTGXU1-4MS XFMRS-XFRJ458-CTGXU1-4MS Datasheet
106Kb / 2P
   SINGLE PORT PASS THRU
logo
Littelfuse
JBPT0001Z LITTELFUSE-JBPT0001Z Datasheet
199Kb / 1P
   3/8 ??Pass Thru Stud Block
logo
Amphenol Industrial Pro...
PTB12-10PS AIO-PTB12-10PS Datasheet
29Kb / 1P
   thru bulkhead receptacle
logo
List of Unclassifed Man...
MS27488-22-1 ETC2-MS27488-22-1 Datasheet
614Kb / 11P
   Thru-Bulkhead Receptacle
logo
Amphenol Aerospace Oper...
PTB AAO-PTB Datasheet
29Kb / 1P
   thru bulkhead receptacle
logo
Abracon Corporation
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
   THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
logo
NXP Semiconductors
FB2031 PHILIPS-FB2031 Datasheet
187Kb / 18P
   9-bit latched/registered/pass-thru Futurebus transceiver
1995 May 25
logo
STMicroelectronics
EVALPM8803-FWD STMICROELECTRONICS-EVALPM8803-FWD Datasheet
303Kb / 5P
   Data pass-through for the ethernet data
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com