Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-503480-002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-503480-002
Descripción Electrónicos  0.50mm (.020") Pitch Easy-On BackFlip FPC Connector, 1.00mm (.039") Height, Right Angle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-503480-002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-503480-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-503480-002 Datasheet HTML 2Page - Molex Electronics Ltd. SD-503480-002 Datasheet HTML 3Page - Molex Electronics Ltd. SD-503480-002 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Número de pieza similar - SD-503480-002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-503480-002 MOLEX11-SD-503480-002 Datasheet
400Kb / 4P
   0.50mm (.020") Pitch Easy-On BackFlip FPC Connector, 1.00mm (.039") Height, Right Angle
SD-503480-002 MOLEX11-SD-503480-002 Datasheet
400Kb / 4P
   0.50mm (.020") Pitch Easy-On BackFlip FPC Connector, 1.00mm (.039") Height,Right Angle
SD-503480-002 MOLEX11-SD-503480-002 Datasheet
400Kb / 4P
   0.50mm (.020") Pitch Easy-On BackFlip FPC Connector, 1.00mm (.039") Height, Right Angle,
SD-503480-002 MOLEX11-SD-503480-002 Datasheet
400Kb / 4P
   0.50mm (.020") Pitch Easy-On BackFlip FPC Connector, 1.00mm (.039") Height, Right Angle
SD-503480-002 MOLEX11-SD-503480-002 Datasheet
400Kb / 4P
   0.50mm (.020") Pitch Easy-On BackFlip FPC Connector, 1.00mm (.039") Height, Right Angle
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com