Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD-94552-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de Pieza. SD-94552-001
Descripción  Housing B USCAR, Receptacle for Mox Terminal 0.64 mm, 8 Circuits
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

SD-94552-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0945529008
Status:
Active
Overview:
mox_crimp_terminals
Description:
Housing B USCAR, Receptacle for Mox Terminal 0.64 mm, 8 Circuits
Documents:
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Crimp Housings
Series
94552
Overview
mox_crimp_terminals
Product Name
USCAR
Physical
Circuits (maximum)
8
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-94552-001
Packaging Specification
PK-94552-001
Product Specification
RPS-94552-002
Sales Drawing
SD-94552-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94552Series
Mates With
31341-2641
Use With
98658-xxxx Terminals
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn