Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-95622-005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-95622-005
Descripción Electrónicos  Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95622-005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-95622-005 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95622-005 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95622-005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0956224882
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
Documents:
3D Model
Product Specification PS-95622-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95622
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Keying to Mating Part
None
Lightpipes/LEDs
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
120.00, 50.8
Plating min: Mating (µm)
1.27, 3.000
Plating min: Termination (µin)
120.00, 76
Plating min: Termination (µm)
1.9, 3.00
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire/Cable Type
N/A
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95622Series
Mates With
FCC 68 Plugs


Número de pieza similar - SD-95622-005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-95622-003 MOLEX11-SD-95622-003 Datasheet
120Kb / 3P
   Modular Jack,Right Angle,Throught Hole Version,LCP,Fully Shielded,8 ckt
SD-95622-006 MOLEX11-SD-95622-006 Datasheet
127Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
SD-95622-007 MOLEX11-SD-95622-007 Datasheet
105Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
More results

Descripción similar - SD-95622-005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0956224884 MOLEX11-0956224884 Datasheet
105Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
0956224883 MOLEX11-0956224883 Datasheet
109Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0956224881 MOLEX11-0956224881 Datasheet
127Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0855435001 MOLEX9-0855435001 Datasheet
122Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8 Circuits
0438600004 MOLEX6-0438600004 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 8/8
0438600013 MOLEX6-0438600013 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, Offset Panel Grounding Tabs, 8/8
0442821004 MOLEX6-0442821004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855425001 MOLEX9-0855425001 Datasheet
129Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820010 MOLEX6-0442820010 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0443800004 MOLEX6-0443800004 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Shielded, with All Panel Grounding Tabs
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com