Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-95622-005 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SD-95622-005
Descripción Electrónicos  Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95622-005 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-95622-005 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95622-005 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95622-005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Grounding to Panel
Yes
Shielded
Yes
Voltage - Maximum
125V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
45
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-95622-001
Sales Drawing
SD-95622-005
Test Summary
STR-1162
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SD-95622-005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-95622-003 MOLEX11-SD-95622-003 Datasheet
120Kb / 3P
   Modular Jack,Right Angle,Throught Hole Version,LCP,Fully Shielded,8 ckt
SD-95622-006 MOLEX11-SD-95622-006 Datasheet
127Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
SD-95622-007 MOLEX11-SD-95622-007 Datasheet
105Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
More results

Descripción similar - SD-95622-005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0956224884 MOLEX11-0956224884 Datasheet
105Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8, Additional Panel Grounding
0956224883 MOLEX11-0956224883 Datasheet
109Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0956224881 MOLEX11-0956224881 Datasheet
127Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8/8
0855435001 MOLEX9-0855435001 Datasheet
122Kb / 3P
   Modular Jack, Right Angle, Fully Shielded, SMT, 8 Circuits
0438600004 MOLEX6-0438600004 Datasheet
668Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, All Panel Grounding Tabs, 8/8
0438600013 MOLEX6-0438600013 Datasheet
669Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, Shielded, Offset Panel Grounding Tabs, 8/8
0442821004 MOLEX6-0442821004 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0855425001 MOLEX9-0855425001 Datasheet
129Kb / 3P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0442820010 MOLEX6-0442820010 Datasheet
216Kb / 4P
   Modular Jack, Right Angle, Low Profile, Shielded, SMT, 8/8
0443800004 MOLEX6-0443800004 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Shielded, with All Panel Grounding Tabs
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com