Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SD-500595-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de Pieza. SD-500595-001
Descripción  2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Dual Row
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

SD-500595-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5005951000
Status:
Active
Description:
2.50mm (.098") Pitch Wire-to-Wire Plug Housing, Dual Row
Documents:
3D Model
Product Specification PS-500592-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
500595
Product Name
N/A
Physical
Circuits (maximum)
10
Color - Resin
Natural
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-500592-001, RPS-500592-001, RPS-500592-002
Sales Drawing
SD-500595-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500595Series
Mates With
500594
Use With
50398 , 500817
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn