Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-501591-005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-501591-005
Descripción Electrónicos  0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical Stacking
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501591-005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501591-005 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501591-005 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501591-005 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501591-005 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501591-005 Datasheet HTML 5Page - Molex Electronics Ltd. SD-501591-005 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5015914011
Status:
Active
Overview:
slimstack_mm016_pitch
Description:
0.40mm (.016") Pitch SlimStack™ Board-to-Board Receptacle, SMT, Dual Row,
Vertical Stacking, 0.90mm (.035") Stacking Height, With Solder Tabs, 40 Circuits
Documents:
3D Model
Product Specification PS-501591-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-501591-002 (PDF)
General
Product Family
PCB Receptacles
Series
501591
Application
Board-to-Board
Overview
slimstack_mm016_pitch
Product Name
SlimStack™
Physical
Circuits (Loaded)
40
Color - Resin
Black
Durability (mating cycles max)
20
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.035 In
Mated Height (mm)
0.90 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Polarized to Mating Part
No
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501591-001
Product Specification
PS-501591-002, PS-501591-003, RPS-501591-007,
RPS-501591-010, RPS-501591-011, RPS-501591-012,
RPS-501591-013, RPS-501591-014, RPS-501591-015,
RPS-501591-016, RPS-501591-017, RPS-501591-019,
RPS-501591-020
Sales Drawing
SD-501591-005, SD-501591-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501591Series
Mates With
501594 PCB Header


Número de pieza similar - SD-501591-005

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-501591-005 MOLEX11-SD-501591-005 Datasheet
391Kb / 6P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical Stacking
SD-501591-005 MOLEX11-SD-501591-005 Datasheet
391Kb / 6P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical
SD-501591-005 MOLEX11-SD-501591-005 Datasheet
391Kb / 6P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical Stacking
SD-501591-005 MOLEX11-SD-501591-005 Datasheet
391Kb / 6P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical Stacking
SD-501591-005 MOLEX11-SD-501591-005 Datasheet
391Kb / 6P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, SMT, Dual Row, Vertical Stacking
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com