Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDA-95043 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza SDA-95043
Descripción Electrónicos  Modular Plug, Short Body, Shielded, 8/8, Cat5 for 6.00mm (.236") Cable Outside Diameter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-95043 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SDA-95043 Datasheet HTML 1Page - Molex Electronics Ltd. SDA-95043 Datasheet HTML 2Page - Molex Electronics Ltd. SDA-95043 Datasheet HTML 3Page - Molex Electronics Ltd. SDA-95043 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Current - Maximum per Contact
1.5A
Grounding to Panel
N/A
Shielded
Yes
Voltage - Maximum
125V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-95043
Packaging Specification
PK-95043
Product Specification
PS-95043
Sales Drawing
SDA-95043
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SDA-95043

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SDA-95043 MOLEX11-SDA-95043 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Red Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
SDA-95043 MOLEX11-SDA-95043 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Blue Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
SDA-95043 MOLEX11-SDA-95043 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Yellow Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
SDA-95043 MOLEX11-SDA-95043 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Beige/Gray Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
SDA-95043 MOLEX11-SDA-95043 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Green Boot, Cat5
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com