Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SD-112095-5003 Datasheet(Hoja de datos) 3 Page - Molex Electronics Ltd.

No. de Pieza. SD-112095-5003
Descripción  BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW2008237 Date Published: June 2008
North America: US: + 1-800-225-7724 – Canada: +1 (905) 624-6518
Europe:
France: +33 (0)1 64 30 91 36 – Germany: +49 7252/94 96-0 – Italy: +39 026-6400321
United Kingdom: +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
Micro-Change & Mini-Change are registered trademarks and BradControl, BradConnectivity and Ultra-Lock are trademarks
of Molex Incorporated. © 2008 Molex
Et h e r N e t /I P
I /O M o d u l e
L ED I n d i c a t o r s
M o d u l e & I n p u t Po w e r (I ):
Green –power present
Off –power not connected
Ou t p u t Po w e r (O):
Green –power present
Off –power not connected
Di s p l a y B o x :
Inform about Ethernet address, IO
and Watchdog status
I n p u t / Ou t p u t (I x / Ox ):
Green – input/output on
Red – input/output fault
Off – input/output off
Et h e r n e t L i n k (L N K 1 /2 ):
Solid Green– Ethernet link at 100 Mbit/s
without activity.
Flashing Green– Ethernet link at 100 Mbit/s
with activity.
Solid Yellow– Ethernet link at 10 Mbit/s
without activity.
Flashing Yellow – Ethernet link at 10 Mbit/s
with activity.
T e c h n i c a l I n f o r m a t i o n
I/O Configurations
16 inputs
14 inputs / 2 outputs
12 inputs / 4 outputs
8 inputs / 8 outputs
Universal & user configurable input / output channels
I/O Connectors
Micro-Change
® 5-pole M12 female
BradConnectivity
Ultra-Lock, internally threaded
Ethernet Connectors
2 connectors 4-pole female M12 D-Coded Ultra-Lock
Acting as a switch. Crossover capability
Power Connectors
Power in : male Mini-Change
® 5-pole
Power out : female Mini-Change 5-pole
Power Requirements
Module & input power : 24 Vdc,
Module output power : 24 Vdc (13 to 28 V), 8A max per
module
Communications Rate
10/100 Mbps auto-sensing, auto-detecting, full duplex
IP Address Capabilities
BOOTP (default), DHCP, static address
Protocol
EtherNet/IP
Input Type
Compatible with dry contact and PNP or NPN 3-wire
switches. Electronic short circuit protection
Input Delay
2.5 ms default or configurable through Modbus
messaging
Input Device Supply
200 mA per port at 25°C
Output Load Current
Maximum 2.0 A per channel
Electronic short circuit protection
Maximum
Switching Frequency
200 Hz
Housing Dimensions
60mm x 220mm x 20mm (2.36 x 8.66 x .78 inches)
Mounting Dimensions
37.5 mm (1.48 inches) horizontal on centers
210 mm (8.27 inches) vertical on centers
Center hole
Operating Temperature
-20ºC to 70ºC (-4ºF to 158ºF)
Storage Temperature
-40ºC to 85ºC (-40ºF to 185ºF)
Protection
IP67 according to IEC 60529
Vibration
IEC 60068-2-6
Mechanical Shock
10G, 11ms, 3 axis
Approvals
CE, UL, cUL, ODVA
Or d e r i n g I n f o r m a t i o n
Catalog Number
SAP Material Number
Product Description
TCDEI-8DON-D1U
1120955003
8-port, M12 Ultra-Lock, 16 input, NPN
TCDEI-8C2N-D1U
1120955004
8-port, M12 Ultra-Lock, 14 input, 2 output, NPN
TCDEI-8B4N-D1U
1120955005
8-port, M12 Ultra-Lock, 12 input, 4 output, NPN
TCDEI-888N-D1U
1120955006
8-port, M12 Ultra-Lock, 8 input, 8 output, NPN
TCDEI-8DOP-D1U
1120955007
8-port, M12 Ultra-Lock, 16 input, PNP
TCDEI-8C2P-D1U
1120955008
8-port, M12 Ultra-Lock, 14 input, 2 output, PNP
TCDEI-8B4P-D1U
1120955009
8-port, M12 Ultra-Lock, 12 input, 4 output, PNP
TCDEI-888P-D1U
1120955010
8-port, M12 Ultra-Lock, 8 input, 8 output, PNP
TCDEI-8YYX-D1U
1120955011
8-port, M12 Ultra-Lock, 16 I/O user configurable




Html Pages

1  2  3  4 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl