Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD-95522-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SD-95522-001
Descripción Electrónicos  HIPRO TE 6/4 JACK
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-95522-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-95522-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-95522-001 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0955222647
Status:
Active
Overview:
modular_plugs_jacks
Description:
HIPRO TE 6/4 JACK
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95522
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
1,000
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
6/4
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95522Series
Mates With
FCC 68 Plugs


Número de pieza similar - SD-95522-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
SD-95522-001 MOLEX11-SD-95522-001 Datasheet
197Kb / 4P
   HIPRO TE 4/4 JACK
SD-95522-001 MOLEX11-SD-95522-001 Datasheet
197Kb / 4P
   HIPRO TE 8/8 JACK
More results

Descripción similar - SD-95522-001

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0955222667 MOLEX11-0955222667 Datasheet
198Kb / 4P
   HIPRO TE 6/6 JACK
0955222447 MOLEX11-0955222447 Datasheet
197Kb / 4P
   HIPRO TE 4/4 JACK
0955222887 MOLEX11-0955222887 Datasheet
197Kb / 4P
   HIPRO TE 8/8 JACK
0955036651 MOLEX11-0955036651 Datasheet
266Kb / 6P
   6/4 JACK SMT VERSION
0424106314 MOLEX5-0424106314 Datasheet
200Kb / 4P
   Modular Jack, Vertical, 6/4
0424106314 MOLEX1-0424106314_18 Datasheet
32Kb / 2P
   Modular Jack, Vertical, 6/4
0424106410 MOLEX5-0424106410 Datasheet
200Kb / 4P
   Modular Jack, Vertical, 6/4
0950092647 MOLEX11-0950092647 Datasheet
212Kb / 4P
   Modular Jack, Right Angle, 6/4
0424106312 MOLEX5-0424106312 Datasheet
200Kb / 4P
   Modular Jack, Vertical, 6/4, Panel Stops
0424106408 MOLEX5-0424106408 Datasheet
200Kb / 4P
   Modular Jack, Vertical, 6/4, Panel Stops
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com