Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74HCXXXXDT Datasheet(PDF) 9 Page - ON Semiconductor

No. de pieza MC74HCXXXXDT
Descripción Electrónicos  High-Performance Silicon-Gate CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCXXXXDT Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74HCXXXXDT Datasheet HTML 5Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 6Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 7Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 8Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 9Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 10Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 11Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 12Page - ON Semiconductor MC74HCXXXXDT Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MC54/74HC4051 MC74HC4052 MC54/74HC4053
Figure 3. Maximum Off Channel Leakage Current,
Any One Channel, Test Set–Up
Figure 4. Maximum Off Channel Leakage Current,
Common Channel, Test Set–Up
Figure 5. Maximum On Channel Leakage Current,
Channel to Channel, Test Set–Up
Figure 6. Maximum On Channel Bandwidth,
Test Set–Up
Figure 7. Off Channel Feedthrough Isolation,
Test Set–Up
Figure 8. Feedthrough Noise, Channel Select to
Common Out, Test Set–Up
OFF
OFF
6
7
8
16
COMMON O/I
VCC
VEE
VIH
NC
A
VCC
VEE
VCC
OFF
OFF
6
7
8
16
COMMON O/I
VCC
VEE
VIH
ANALOG I/O
VCC
VEE
VCC
ON
OFF
6
7
8
16
COMMON O/I
VCC
VEE
VIL
VCC
VEE
VCC
N/C
A
ANALOG I/O
ON
6
7
8
16
VCC
VEE
0.1µF
CL*
fin
RL
dB
METER
*Includes all probe and jig capacitance
OFF
6
7
8
16
VCC
VEE
0.1µF
CL*
fin
RL
dB
METER
*Includes all probe and jig capacitance
VOS
VOS
RL
VIS
VIL or VIH
CHANNEL SELECT
ON/OFF
6
7
8
16
VCC
VEE
CL*
RL
*Includes all probe and jig capacitance
CHANNEL SELECT
TEST
POINT
COMMON O/I
11
VCC
OFF/ON
ANALOG I/O
RL
RL
VCC
GND
Vin ≤ 1 MHz
tr = tf = 6 ns


Número de pieza similar - MC74HCXXXXDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
455Kb / 15P
   Analog Multiplexers/ Demultiplexers High-Performance Silicon-Gate CMOS
MC74HCXXXXDT MOTOROLA-MC74HCXXXXDT Datasheet
269Kb / 10P
   High?밣erformance Silicon?밎ate CMOS
More results

Descripción similar - MC74HCXXXXDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
   High-performance Silicon-gate CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
   High–Performance Silicon–Gate CMOS
logo
Integral Corp.
IN9270 INTEGRAL-IN9270 Datasheet
373Kb / 11P
   DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC54HCT161A MOTOROLA-MC54HCT161A Datasheet
255Kb / 12P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
KODENSHI_AUK CORP.
KK4541B KODENSHI-KK4541B Datasheet
285Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
KK9270 KODENSHI-KK9270 Datasheet
579Kb / 12P
   DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4541B IKSEMICON-IW4541B Datasheet
204Kb / 6P
   Programmable Timer High-Performance Silicon-Gate CMOS
IN74HC163A IKSEMICON-IN74HC163A Datasheet
290Kb / 10P
   Presettable Counters High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com