Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS3V340DGVRG4 Datasheet(PDF) 11 Page - Texas Instruments |
|
TS3V340DGVRG4 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 30 page TS3V340 QUAD SPDT HIGHBANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ONSTATE RESISTANCE SCDS172A - JULY 2004 − REVISED DECEMBER 2004 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION CL (see Note A) TEST CIRCUIT RL Analog Output Waveform (VO) 0 V VCC VOLTAGE WAVEFORMS tON AND tOFF TIMES NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. C. The outputs are measured one at a time, with one transition per measurement. 50% 50% 50 Ω VG1 VCC DUT 50 Ω VIN VI TEST CL RL 3.3 V ± 0.3 V VCC VI tON/tOFF 75 W 20 pF VCC Output Control (VIN) Input Generator VO IN or EN DX S2X 0 V VOH 90% 90% tOFF tON CL (see Note A) RL S1X Figure 7. Test Circuit and Voltage Waveforms |
Número de pieza similar - TS3V340DGVRG4 |
|
Descripción similar - TS3V340DGVRG4 |