Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC5578 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC5578
Descripción Electrónicos  8-/10-/12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converters
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC5578 Datasheet(HTML) 4 Page - Texas Instruments

  DAC5578 Datasheet HTML 1Page - Texas Instruments DAC5578 Datasheet HTML 2Page - Texas Instruments DAC5578 Datasheet HTML 3Page - Texas Instruments DAC5578 Datasheet HTML 4Page - Texas Instruments DAC5578 Datasheet HTML 5Page - Texas Instruments DAC5578 Datasheet HTML 6Page - Texas Instruments DAC5578 Datasheet HTML 7Page - Texas Instruments DAC5578 Datasheet HTML 8Page - Texas Instruments DAC5578 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
DAC5578
DAC6578
DAC7578
SBAS496A – MARCH 2010 – REVISED AUGUST 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At AVDD = 2.7V to 5.5V and over –40°C to +125°C, unless otherwise noted.
DAC5578, DAC6578, DAC7578
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
AC PERFORMANCE(4)
DAC output noise density
TA = +25°C, at zero-code input, fOUT = 1kHz
20
nV/
√Hz
DAC output noise
TA = +25°C, at midscale input, f = 0.1Hz to 10Hz
3
mVPP
EXTERNAL REFERENCE
External reference current
AVDD = 2.7V to 5.5V
60
µA
LOGIC INPUTS(4)
Input current
±1
mA
VINL
Logic input LOW voltage
2.7V
≤ AVDD ≤ 5.5V
GND-0.3
0.3xAVDD
V
VINH
Logic input HIGH voltage
2.7V
≤ AVDD ≤ 5.5V
0.7xAVDD
AVDD+0.3
V
Pin capacitance
1.5
3
pF
POWER REQUIREMENTS
AVDD
Analog power supply
2.7
5.5
V
AVDD = 3.6V to 5.5V
1.02
1.4
mA
VINH = AVDD and VINL = GND
Normal mode
AVDD = 2.7V to 3.6V
0.86
1.3
mA
VINH = AVDD and VINL = GND
IDD
(5)
AVDD = 3.6V to 5.5V
0.42
6
mA
VINH = AVDD and VINL = GND
All power-down modes
AVDD = 2.7V to 3.6V
0.25
4.7
mA
VINH = AVDD and VINL = GND
AVDD = 3.6V to 5.5V
3.67
7.7
mW
VINH = AVDD and VINL = GND
Normal mode
AVDD = 2.7V to 3.6V
2.32
4.68
mW
VINH = AVDD and VINL = GND
Power
dissipation(5)
AVDD = 3.6V to 5.5V
1.51
33
mW
VINH = AVDD and VINL = GND
All power-down modes
AVDD = 2.7V to 3.6V
0.68
16.92
mW
VINH = AVDD and VINL = GND
TEMPERATURE RANGE
Specified performance
–40
+125
°C
(4)
Specified by design or characterization; not production tested.
(5)
Input code = mid scale, no load.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DAC5578 DAC6578 DAC7578


Número de pieza similar - DAC5578

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC5571 TI-DAC5571 Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI-DAC5571 Datasheet
625Kb / 23P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571 TI1-DAC5571 Datasheet
564Kb / 24P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
453Kb / 21P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5571IDBVR TI-DAC5571IDBVR Datasheet
625Kb / 23P
[Old version datasheet]   2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
More results

Descripción similar - DAC5578

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC7678 TI-DAC7678_10 Datasheet
1Mb / 52P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7678 TI1-DAC7678_14 Datasheet
1Mb / 53P
[Old version datasheet]   12-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output, Two-Wire Interface Digital-to-Analog Converter with 2.5V Internal Reference
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com