Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431CKTPR Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TL431CKTPR
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL431CKTPR Datasheet(HTML) 5 Page - Texas Instruments

  TL431CKTPR Datasheet HTML 1Page - Texas Instruments TL431CKTPR Datasheet HTML 2Page - Texas Instruments TL431CKTPR Datasheet HTML 3Page - Texas Instruments TL431CKTPR Datasheet HTML 4Page - Texas Instruments TL431CKTPR Datasheet HTML 5Page - Texas Instruments TL431CKTPR Datasheet HTML 6Page - Texas Instruments TL431CKTPR Datasheet HTML 7Page - Texas Instruments TL431CKTPR Datasheet HTML 8Page - Texas Instruments TL431CKTPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
Vref TOLERANCE (25°C) = 1%
TL431A, TL432A ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
PDIP (P)
Tube of 50
TL431ACP
TL431ACP
SC-70 (DCK)
Reel of 3000
TL431ACDCKR
T4_
Reel of 250
TL431ACDCKT
SOIC (D)
Tube of 75
TL431ACD
431AC
Reel of 2500
TL431ACDR
SOP (PS)
Reel of 2000
TL431ACPSR
T431A
SOT-23-5 (DBV)
Reel of 3000
TL431ACDBVR
TAC_
Reel of 250
TL431ACDBVT
Reel of 3000
TL432ACDBVR
T4B_
Reel of 250
TL432ACDBVT
SOT-23-3 (DBZ)
Reel of 3000
TL431ACDBZR
TAC_
0°C to 70°C
Reel of 250
TL431ACDBZT
Reel of 3000
TL432ACDBZR
T4B_
Reel of 250
TL432ACDBZT
SOT-89 (PK)
Reel of 1000
TL431ACPK
4A
TL432ACPK
2D
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431ACLP
TL431AC
Ammo of 2000, formed lead
TL431ACLPM
Reel of 2000, formed lead
TL431ACLPR
Reel of 2000, formed lead
TL431ACLPRE3
TSSOP (PW)
Tube of 150
TL431ACPW
T431A
Reel of 2000
TL431ACPWR
PDIP (P)
Tube of 50
TL431AIP
TL431AIP
SC-70 (DCK)
Reel of 3000
TL431AIDCKR
T5_
Reel of 250
TL431AIDCKT
SOIC (D)
Tube of 75
TL431AID
431AI
Reel of 2500
TL431AIDR
SOT-23-5 (DBV)
Reel of 3000
TL431AIDBVR
TAI_
Reel of 250
TL431AIDBVT
Reel of 3000
TL432AIDBVR
T4A_
Reel of 250
TL432AIDBVT
-40°C to 85°C
SOT-23-3 (DBZ)
Reel of 3000
TL431AIDBZR
TAI_
Reel of 250
TL431AIDBZT
Reel of 3000
TL432AIDBZR
T4A_
Reel of 250
TL432AIDBZT
SOT-89 (PK)
Reel of 1000
TL431AIPK
4B
TL432AIPK
2E
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431AILP
TL431AI
Ammo of 2000, formed lead
TL431AILPM
Reel of 2000, formed lead
TL431AILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B


Número de pieza similar - TL431CKTPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL431CKTPR TI-TL431CKTPR Datasheet
1Mb / 61P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CKTPR TI-TL431CKTPR Datasheet
1Mb / 56P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CKTPR TI-TL431CKTPR Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431CKTPR TI-TL431CKTPR Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL431CKTPR TI-TL431CKTPR Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Descripción similar - TL431CKTPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com