Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL431CLP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL431CLP
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL431CLP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL431CLP Datasheet HTML 6Page - Texas Instruments TL431CLP Datasheet HTML 7Page - Texas Instruments TL431CLP Datasheet HTML 8Page - Texas Instruments TL431CLP Datasheet HTML 9Page - Texas Instruments TL431CLP Datasheet HTML 10Page - Texas Instruments TL431CLP Datasheet HTML 11Page - Texas Instruments TL431CLP Datasheet HTML 12Page - Texas Instruments TL431CLP Datasheet HTML 13Page - Texas Instruments TL431CLP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VKA
Cathode voltage(2)
37
V
IKA
Continuous cathode current range
–100
150
mA
II(ref)
Reference input current range
–0.05
10
mA
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to ANODE, unless otherwise noted.
PACKAGE THERMAL DATA
(1)
PACKAGE
BOARD
qJC
qJA
PDIP (P)
High K, JESD 51-7
57°C/W
85°C/W
SC-70 (DCK)
High K, JESD 51-7
259°C/W
87°C/W
SOIC (D)
High K, JESD 51-7
39°C/W
97°C/W
SOP (PS)
High K, JESD 51-7
46°C/W
95°C/W
SOT-89 (PK)
High K, JESD 51-7
9°C/W
52°C/W
SOT-23-5 (DBV)
High K, JESD 51-7
131°C/W
206°C/W
SOT-23-3 (DBZ)
High K, JESD 51-7
76°C/W
206°C/W
TO-92 (LP)
High K, JESD 51-7
55°C/W
140°C/W
TSSOP (PW)
High K, JESD 51-7
65°C/W
149°C/W
(1)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VKA
Cathode voltage
Vref
36
V
IKA
Cathode current
1
100
mA
TL43xxC
0
70
TA
Operating free-air temperature
TL43xxI
–40
85
°C
TL43xxQ
–40
125
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B


Número de pieza similar - TL431CLP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
TL431CLP MOTOROLA-TL431CLP Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
Texas Instruments
TL431CLP TI-TL431CLP Datasheet
1Mb / 67P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
TL431CLP TI-TL431CLP Datasheet
3Mb / 83P
[Old version datasheet]   TL431, TL432 Precision Programmable Reference
REVISED JULY 2022
logo
ON Semiconductor
TL431CLP ONSEMI-TL431CLP Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431CLP TI-TL431CLP Datasheet
1Mb / 75P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results

Descripción similar - TL431CLP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com