Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7451BRMZ Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD7451BRMZ
Descripción Electrónicos  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7451BRMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7451BRMZ Datasheet HTML 5Page - Analog Devices AD7451BRMZ Datasheet HTML 6Page - Analog Devices AD7451BRMZ Datasheet HTML 7Page - Analog Devices AD7451BRMZ Datasheet HTML 8Page - Analog Devices AD7451BRMZ Datasheet HTML 9Page - Analog Devices AD7451BRMZ Datasheet HTML 10Page - Analog Devices AD7451BRMZ Datasheet HTML 11Page - Analog Devices AD7451BRMZ Datasheet HTML 12Page - Analog Devices AD7451BRMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7441/AD7451
Rev. D | Page 9 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD
SCLK
SDATA
CS
8
7
6
5
VREF 1
VIN+ 2
VIN– 3
GND 4
AD7441/
AD7451
TOP VIEW
(Not to Scale)
Figure 5. 8-Lead MSOP Pin Configuration
VREF
VIN+
VIN–
GND
8
7
6
5
VDD 1
SCLK 2
SDATA 3
CS 4
AD7441/
AD7451
TOP VIEW
(Not to Scale)
Figure 6. 8-Lead SOT-23 Pin Configuration
Table 5. Pin Function Descriptions
Pin. No.
Mnemonic
Description
MSOP
SOT-23
1
8
VREF
Reference Input for the AD7441/AD7451. An external reference in the range of 100 mV to VDD must be
applied to this input. The specified reference input is 2.5 V. This pin is decoupled to GND with a capacitor
of at least 0.1 μF.
2
7
VIN+
Noninverting Analog Input.
3
6
VIN–
Inverting Input. This pin sets the ground reference point for the VIN+ input. Connect to ground or to a dc
offset to provide a pseudo ground.
4
5
GND
Analog Ground. Ground reference point for all circuitry on the AD7441/AD7451. All analog input signals
and any external reference signal are referred to this GND voltage.
5
4
CS
Chip Select. Active low logic input. This input provides the dual function of initiating a conversion on
the AD7441/AD7451 and framing the serial data transfer.
6
3
SDATA
Serial Data, Logic Output. The conversion result from the AD7441/AD7451 is provided on this output as
a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream of
the AD7451 consists of four leading zeros followed by the 12 bits of conversion data that are provided
MSB first; the data stream of the AD7441 consists of four leading zeros, followed by the 10 bits of con-
version data, followed by two trailing zeros. In both cases, the output coding is straight (natural) binary.
7
2
SCLK
Serial Clock, Logic Input. SCLK provides the serial clock for accessing data from the part. This clock input
is also used as the clock source for the conversion process.
8
1
VDD
Power Supply Input. VDD is 2.7 V to 5.25 V. This supply is decoupled to GND with a 0.1 μF capacitor and a
10 μF tantalum capacitor.


Número de pieza similar - AD7451BRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7451BRM AD-AD7451BRM Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
More results

Descripción similar - AD7451BRMZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com