Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST25VF032B-66-4I-S2F Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

No. de pieza SST25VF032B-66-4I-S2F
Descripción Electrónicos  32 Mbit SPI Serial Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF032B-66-4I-S2F Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST25VF032B-66-4I-S2F Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF032B-66-4I-S2F Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
32 Mbit SPI Serial Flash
SST25VF032B
17
©2009 Silicon Storage Technology, Inc.
S71327-03-000
05/09
Write-Status-Register (WRSR)
The Write-Status-Register instruction writes new values to
the BP3, BP2, BP1, BP0, and BPL bits of the status regis-
ter. CE# must be driven low before the command
sequence of the WRSR instruction is entered and driven
high before the WRSR instruction is executed. See Figure
19 for EWSR or WREN and WRSR instruction sequences.
Executing the Write-Status-Register instruction will be
ignored when WP# is low and BPL bit is set to ‘1’. When
the WP# is low, the BPL bit can only be set from ‘0’ to ‘1’ to
lock-down the status register, but cannot be reset from ‘1’ to
‘0’. When WP# is high, the lock-down function of the BPL
bit is disabled and the BPL, BP0, and BP1 and BP2 bits in
the status register can all be changed. As long as BPL bit is
set to ‘0’ or WP# pin is driven high (VIH) prior to the low-to-
high transition of the CE# pin at the end of the WRSR
instruction, the bits in the status register can all be altered
by the WRSR instruction. In this case, a single WRSR
instruction can set the BPL bit to ‘1’ to lock down the status
register as well as altering the BP0, BP1, and BP2 bits at
the same time. See Table 2 for a summary description of
WP# and BPL functions.
FIGURE 19: Enable-Write-Status-Register (EWSR) or
Write-Enable (WREN) and Write-Status-Register (WRSR) Sequence
1327 F20.0
MODE 3
HIGH IMPEDANCE
MODE 0
STATUS
REGISTER IN
7 6 5 4321 0
MSB
MSB
MSB
01
MODE 3
SCK
SI
SO
CE#
MODE 0
50 or 06
0 1 2 3 4 5 6 7
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Número de pieza similar - SST25VF032B-66-4I-S2F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B-66-4I-S2AF MICROCHIP-SST25VF032B-66-4I-S2AF Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results

Descripción similar - SST25VF032B-66-4I-S2F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com