Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST25VF032B-88-4I-S2F Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

No. de pieza SST25VF032B-88-4I-S2F
Descripción Electrónicos  32 Mbit SPI Serial Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF032B-88-4I-S2F Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button SST25VF032B-88-4I-S2F Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 20Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 21Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-S2F Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
Data Sheet
32 Mbit SPI Serial Flash
SST25VF032B
©2009 Silicon Storage Technology, Inc.
S71327-03-000
05/09
Read-ID (RDID)
The Read-ID instruction (RDID) identifies the device as
SST25VF032B and manufacturer as SST. The device
information can be read from executing an 8-bit command,
90H or ABH, followed by address bits [A23-A0]. Following
the Read-ID instruction, the manufacturer’s ID is located in
address 00000H and the device ID is located in address
00001H. Once the device is in Read-ID mode, the manu-
facturer’s and device ID output data toggles between
address 00000H and 00001H until terminated by a low to
high transition on CE#.
Refer to Tables 6 and 7 for device identification data.
FIGURE 20: Read-ID Sequence
1327 F21.0
CE#
SO
SI
SCK
00
01 2 3 4 5 6 7 8
00
ADD1
90 or AB
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63
BF
Device ID
BF
Device ID
Note: The manufacturer's and device ID output stream is continuous until terminated by a low to high transition on CE#.
1. 00H will output the manfacturer's ID first and 01H will output device ID first before toggling between the two.
HIGH
IMPEDANCE
MODE 3
MODE 0
MSB
MSB
MSB
TABLE
6: Product Identification
Address
Data
Manufacturer’s ID
00000H
BFH
Device ID
SST25VF032B
00001H
4AH
T6.0 1327


Número de pieza similar - SST25VF032B-88-4I-S2F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B-80-4I-QAE MICROCHIP-SST25VF032B-80-4I-QAE Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results

Descripción similar - SST25VF032B-88-4I-S2F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com