Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SST25VF032B-88-4I-QE Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

No. de pieza SST25VF032B-88-4I-QE
Descripción Electrónicos  32 Mbit SPI Serial Flash
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SST [Silicon Storage Technology, Inc]
Página de inicio  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF032B-88-4I-QE Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST25VF032B-88-4I-QE Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 16Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 17Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 18Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 19Page - Silicon Storage Technology, Inc SST25VF032B-88-4I-QE Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
Data Sheet
32 Mbit SPI Serial Flash
SST25VF032B
©2009 Silicon Storage Technology, Inc.
S71327-03-000
05/09
Write-Enable (WREN)
The Write-Enable (WREN) instruction sets the Write-
Enable-Latch bit in the Status Register to ‘1’ allowing Write
operations to occur. The WREN instruction must be exe-
cuted prior to any Write (Program/Erase) operation. The
WREN instruction may also be used to allow execution of
the Write-Status-Register (WRSR) instruction; however,
the Write-Enable-Latch bit in the Status Register will be
cleared upon the rising edge CE# of the WRSR instruction.
CE# must be driven high before the WREN instruction is
executed.
FIGURE 17: Write Enable (WREN) Sequence
Write-Disable (WRDI)
The Write-Disable (WRDI) instruction resets the Write-
Enable-Latch bit and AAI bit to ‘0,’ therefore, preventing any
new Write operations. The WRDI instruction will not termi-
nate any programming operation in progress. Any program
operation in progress may continue up to TBP after execut-
ing the WRDI instruction. CE# must be driven high before
the WRDI instruction is executed.
FIGURE 18: Write Disable (WRDI) Sequence
Enable-Write-Status-Register (EWSR)
The Enable-Write-Status-Register (EWSR) instruction
arms the Write-Status-Register (WRSR) instruction and
opens the status register for alteration. The Write-Status-
Register instruction must be executed immediately after the
execution of the Enable-Write-Status-Register instruction.
This two-step instruction sequence of the EWSR instruc-
tion followed by the WRSR instruction works like software
data protection (SDP) command structure which prevents
any accidental alteration of the status register values. CE#
must be driven low before the EWSR instruction is entered
and must be driven high before the EWSR instruction is
executed.
CE#
SO
SI
SCK
01 2 3 4 5 6 7
06
HIGH IMPEDANCE
MODE 0
MODE 3
1327 F18.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
04
HIGH IMPEDANCE
MODE 0
MODE 3
1327 F19.0
MSB


Número de pieza similar - SST25VF032B-88-4I-QE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B-80-4I-QAE MICROCHIP-SST25VF032B-80-4I-QAE Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
More results

Descripción similar - SST25VF032B-88-4I-QE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
SST25VF032B MICROCHIP-SST25VF032B_15 Datasheet
244Kb / 33P
   32 Mbit SPI Serial Flash
04/15
logo
Silicon Storage Technol...
SST25VF032B SST-SST25VF032B Datasheet
735Kb / 28P
   32 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF032B-80-4I-S2AF MICROCHIP-SST25VF032B-80-4I-S2AF Datasheet
320Kb / 33P
   32 Mbit SPI Serial Flash
2011 Silicon
SST25VF032B MICROCHIP-SST25VF032B_11 Datasheet
3Mb / 31P
   32 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF010 SST-SST25VF010 Datasheet
283Kb / 22P
   1 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
SST25VF016B-50-4I-S2AF MICROCHIP-SST25VF016B-50-4I-S2AF Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
08/11
logo
Silicon Storage Technol...
SST25VF016B SST-SST25VF016B_13 Datasheet
315Kb / 32P
   16 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com