Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NZX13A Datasheet(PDF) 1 Page - NXP Semiconductors |
|
NZX13A Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 12 page 1. Product profile 1.1 General description General-purpose Zener diodes in a SOD27 (SC-40) small hermetically sealed glass package. 1.2 Features I Total power dissipation: Ptot ≤ 500 mW I Low differential resistance I Low leakage current I AEC-Q101 qualified 1.3 Applications I General regulation functions 1.4 Quick reference data [1] Pulse test: tp ≤ 300 µs; δ≤ 0.02. 2. Pinning information [1] The marking band indicates the cathode. NZX series Single Zener diodes Rev. 02 — 3 June 2009 Product data sheet Table 1. Quick reference data Tj =25 °C unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit VF forward voltage IF = 200 mA [1] - - 1.5 V Table 2. Pinning Pin Description Simplified outline Graphic symbol 1 cathode [1] 2 anode a k 006aaa152 2 1 |
Número de pieza similar - NZX13A |
|
Descripción similar - NZX13A |