Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22934YZVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22934YZVT
Descripción Electrónicos  ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH WITH HYSTERESIS CONTROL INPUT
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22934YZVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS22934YZVT Datasheet HTML 1Page - Texas Instruments TPS22934YZVT Datasheet HTML 2Page - Texas Instruments TPS22934YZVT Datasheet HTML 3Page - Texas Instruments TPS22934YZVT Datasheet HTML 4Page - Texas Instruments TPS22934YZVT Datasheet HTML 5Page - Texas Instruments TPS22934YZVT Datasheet HTML 6Page - Texas Instruments TPS22934YZVT Datasheet HTML 7Page - Texas Instruments TPS22934YZVT Datasheet HTML 8Page - Texas Instruments TPS22934YZVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPS22934
SLVSAD4 – AUGUST 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
MIN
MAX
UNIT
VIN
Input voltage range
–0.3
4
V
VOUT
Output voltage range
VIN + 0.3
V
VON
Control input voltage range
–0.3
4
V
IMAX
Maximum continuous switch current, TA = -40°C to 85°C
1
A
IPLS
Maximum pulsed switch current, 100-µs pulse, 2% duty cycle, TA = -40°C to 85°C
1.4
A
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
Human-Body Model (HBM)
3000
ESD
Electrostatic discharge protection
V
Charged-Device Model (CDM)
1000
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATINGS
DERATING
FACTOR
BOARD
PACKAGE
RqJC
RqJA
TA < 25°C
TA = 70°C
TA = 85°C
ABOVE
TA = 25°C
High-K(1)
YZV
28.18°C/W
120.62°C/W
-8.2904 mW/°C
829.04 mW
455.97 mW
331.61 mW
(1)
The JEDEC high-K (2s2p) board used to derive this data was a 3- × 3-inch, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage
1.5
3.6
V
VON
Control input voltage
0
3.6
VOUT
Output voltage
VIN
V
CIN
Input capacitance
1(1)
µF
(1)
See the Input Capacitor section in Application Information.
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS22934


Número de pieza similar - TPS22934YZVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22930 TI-TPS22930 Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930 TI1-TPS22930 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930A TI1-TPS22930A Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22930AYZVR TI-TPS22930AYZVR Datasheet
895Kb / 19P
[Old version datasheet]   ULTRA SMALL, LOW RESISTANCE LOAD SWITCH
TPS22930AYZVR TI1-TPS22930AYZVR Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
More results

Descripción similar - TPS22934YZVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
TPS22908 TI1-TPS22908 Datasheet
693Kb / 19P
[Old version datasheet]   Ultra Small, Low-Input Voltage, Low RON Load Switch
TPS22924D TI-TPS22924D Datasheet
921Kb / 18P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com