Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53128RGET Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS53128RGET
Descripción Electrónicos  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS53128RGET Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53128RGET Datasheet HTML 6Page - Texas Instruments TPS53128RGET Datasheet HTML 7Page - Texas Instruments TPS53128RGET Datasheet HTML 8Page - Texas Instruments TPS53128RGET Datasheet HTML 9Page - Texas Instruments TPS53128RGET Datasheet HTML 10Page - Texas Instruments TPS53128RGET Datasheet HTML 11Page - Texas Instruments TPS53128RGET Datasheet HTML 12Page - Texas Instruments TPS53128RGET Datasheet HTML 13Page - Texas Instruments TPS53128RGET Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
V
=
TRIP
(V-V )
IN
O
2
1
·
·
L
f
SW
¾ ·
V
O
¾
V
IN
· RDS(ON)
I
-
OCL
(
)
R
(k )=
TRIP
W
V
(mV)
TRIP
I
( A)
TRIP
m
¾
TPS53128
SLVSAE4 – JULY 2010
www.ti.com
5-Volt Regulator
The TPS53128 has an internal 5-V low-dropout (LDO) regulator to provide a regulated voltage for all both drivers
and the IC's internal logic. A high-quality 4.7-mF or greater ceramic capacitor from VREG5 to GND is required to
stabilize the internal regulator. An internal 10-
Ω resistor from VREG5 filters the regulator output to the IC's
analog and logic input voltage, V5FILT. An additional high-quality 1.0-mF ceramic capacitor is required from
V5FILT to GND to filter switching noise from VREG5.
Soft Start
The TPS53128 has a programmable soft-start . When the ENx pin becomes high, 2.0-mA current begins charging
the capacitor connected from the SS pin to GND. The internal reference for the D-CAP2™ mode control
comparator is overridden by the soft-start voltage until the soft-start voltage is greater than the internal reference
for smooth control of the output voltage during start up.
Pre-Bias Support
The TPS53128 supports pre-bias start-up without sinking current from the output capacitor. When enabled, the
low-side driver is held off until the soft-start commands a voltage higher than the pre-bias level (internal soft-start
becomes greater than feedback voltage (VFB)), then the TPS53128 slowly activates synchronous rectification by
limiting the first DRVL pulses with a narrow on-time. This limited on-time is then incremented on a cycle-by-cycle
basis until it coincides with the full 1-D off-time. This scheme prevents the initial sinking of current from the
pre-bias output, and ensure that the output voltage (VOUT) starts and ramps up smoothly into regulation and the
control loop is given time to transition from pre-biased start-up to normal mode operation.
Output Discharge Control
TPS53128 discharges the outputs when ENx is low, or the controller is turned off by the protection functions
(OVP, UVP, UVLO, and thermal shutdown). The device discharges output using an internal 40-
Ω MOSFET which
is connected to VOx and PGNDx. The external low-side MOSFET is not turned on during the output discharge
operation to avoid the possibility of causing negative voltage at the output. This discharge ensures that on start
the regulated voltage always initializes from 0 V.
Over Current Limit
TPS53128 has cycle-by-cycle over current limit feature. The over current limits the inductor valley current by
monitoring the voltage drop across the low-side MOSFET RDS(ON) during the low-side driver on-time. If the
inductor current is larger than the over current limit (OCL), the TPS53128 delays the start of the next switching
cycle until the sensed inductor current falls below the OCL current. MOSFET RDS(ON) current sensing is used to
provide an accuracy and cost effective solution without external devices. To program the OCL, the TRIP pin
should be connected to GND through a trip voltage setting resistor, according to the following equations.
(2)
(3)
The trip voltage should be between 30 mV to 300 mV over all operational temperature, including the
4000-ppm/°C temperature slope compensation for the temperature dependency of the RDS(ON).
If the load current exceeds the over current limit, the voltage will begin to drop. If the over current conditions
continues the output voltage will fall below the under voltage protection threshold and the TPS53128 will shut
down.
In an over current condition, the current to the load exceeds the current to the output capacitor; thus the output
voltage tends to fall off. Eventually, it will end up with crossing the under voltage protection threshold and
shutdown.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS53128


Número de pieza similar - TPS53128RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53128 TI-TPS53128_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS53128 Dual Synchronous Step-Down Controller With Auto-SkipEco-mode??For Low Voltage Power Rails
More results

Descripción similar - TPS53128RGET

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com