Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST62T60CM6 Datasheet(PDF) 48 Page - STMicroelectronics |
|
ST62T60CM6 Datasheet(HTML) 48 Page - STMicroelectronics |
48 / 83 page 48/83 ST6253C ST6263C ST6263B ST6260C ST6260B AUTO-RELOAD TIMER (Cont’d) Capture Mode with PWM Generation. In this mode, the AR counter operates as a free running 8-bit counter fed by the prescaler output. The counter is incremented on every clock rising edge. An 8-bit capture operation from the counter to the ARRC register is performed on every active edge on the ARTIMin pin, when enabled by Edge Con- trol bits SL0, SL1 in the ARSC1 register. At the same time, the External Flag, EF, in the ARSC0 register is set and an external interrupt request is generated if the External Interrupt Enable bit, EIE, in the ARMC register, is set. The EF flag must be reset by user software. Each ARTC overflow sets ARTIMout, while a match between the counter and ARCP (Compare Register) resets ARTIMout and sets the compare flag, CPF. A compare interrupt request is generat- ed if the related compare interrupt enable bit, CPIE, is set. A PWM signal is generated on ARTI- Mout. The CPF flag must be reset by user soft- ware. The frequency of the generated signal is deter- mined by the prescaler setting. The duty cycle is determined by the ARCP register. Initialization and reading of the counter are identi- cal to the auto-reload mode (see previous descrip- tion). Enabling and selection of clock sources is control- led by the CC0 and CC1 bits in the AR Status Con- trol Register, ARSC1. The prescaler division ratio is selected by pro- gramming the PS0, PS1 and PS2 bits in the ARSC1 Register. In Capture mode, the allowed clock sources are the internal clock and the internal clock divided by 3; the external ARTIMin input pin should not be used as a clock source. Capture Mode with Reset of counter and pres- caler, and PWM Generation. This mode is identi- cal to the previous one, with the difference that a capture condition also resets the counter and the prescaler, thus allowing easy measurement of the time between two captures (for input period meas- urement on the ARTIMin pin). Note: In this mode it is recommended not to change the ARTimer counter value from FFH to any other value by writing this value in the ARRC register and setting the TLCD bit in the ARMC reg- ister. Load on External Input. The counter operates as a free running 8-bit counter fed by the prescaler. the count is incremented on every clock rising edge. Each counter overflow sets the ARTIMout pin. A match between the counter and ARCP (Compare Register) resets the ARTIMout pin and sets the compare flag, CPF. A compare interrupt request is generated if the related compare interrupt enable bit, CPIE, is set. A PWM signal is generated on ARTIMout. The CPF flag must be reset by user software. Initialization of the counter is as described in the previous paragraph. In addition, if the external AR- TIMin input is enabled, an active edge on the input pin will copy the contents of the ARRC register into the counter, whether the counter is running or not. Notes: The allowed AR Timer clock sources are the fol- lowing: The clock frequency should not be modified while the counter is counting, since the counter may be set to an unpredictable value. For instance, the multiplexer setting should not be modified while the counter is counting. Loading of the counter by any means (by auto-re- load, through ARLR, ARRC or by the Core) resets the prescaler at the same time. Care should be taken when both the Capture inter- rupt and the Overflow interrupt are used. Capture and overflow are asynchronous. If the capture oc- curs when the Overflow Interrupt Flag, OVF, is high (between counter overflow and the flag being reset by software, in the interrupt routine), the Ex- ternal Interrupt Flag, EF, may be cleared simul- taneusly without the interrupt being taken into ac- count. The solution consists in resetting the OVF flag by writing 06h in the ARSC0 register. The value of EF is not affected by this operation. If an interrupt has occured, it will be processed when the MCU exits from the interrupt routine (the second interrupt is latched). AR Timer Mode Clock Sources Auto-reload mode fINT, fINT/3, ARTIMin Capture mode fINT, fINT/3 Capture/Reset mode fINT, fINT/3 External Load mode fINT, fINT/3 |
Número de pieza similar - ST62T60CM6 |
|
Descripción similar - ST62T60CM6 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |