Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL21060CFH630Z-TK Datasheet(PDF) 7 Page - Intersil Corporation

No. de pieza ISL21060CFH630Z-TK
Descripción Electrónicos  Precision, Low Noise FGA Voltage References
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21060CFH630Z-TK Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL21060CFH630Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21060CFH630Z-TK Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
FN6706.3
December 16, 2008
Typical Performance Curves (ISL21060-30) (R
EXT = 100kΩ)
FIGURE 1. VOUT vs TEMPERATURE, 3 UNITS
FIGURE 2. IIN vs VIN, 3 TEMPERATURES
FIGURE 3. IIN vs VIN [SLEEP MODE], 3 TEMPERATURES
FIGURE 4. IIN vs VENABLE, 3 TEMPERATURES
FIGURE 5. LOAD REGULATION
FIGURE 6. LINE REGULATION OVER-TEMPERATURE
2.9980
2.9985
2.9990
2.9995
3.0000
3.0005
3.0010
3.0015
3.0020
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
UNIT 2
UNIT 1
UNIT 3
10
11
12
13
14
15
16
17
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
+125°C
+25°C
-40°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
02
4
VIN (V)
13
5
+125°C
+25°C
-40°C
0
10
20
30
40
50
60
70
80
90
100
0
1
246
VENABLE (V)
+125°C
+25°C
-40°C
35
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-10
-5
0
5
OUTPUT CURRENT (mA)
+125°C
+25°C
-40°C
-160
-130
-100
-70
-40
-10
20
3.0
3.5
4.0
4.5
5.5
VIN (V)
5.0
+25°C
+125°C
-40°C
ISL21060


Número de pieza similar - ISL21060CFH630Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21060CFH630Z-TK INTERSIL-ISL21060CFH630Z-TK Datasheet
2Mb / 20P
   Precision Reference with Disable
logo
Renesas Technology Corp
ISL21060CFH630Z-TK RENESAS-ISL21060CFH630Z-TK Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results

Descripción similar - ISL21060CFH630Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com