Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL60002BIH311Z-TK Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL60002BIH311Z-TK
Descripción Electrónicos  Precision, Low Noise FGA Voltage References
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60002BIH311Z-TK Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL60002BIH311Z-TK Datasheet HTML 2Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 3Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 4Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 5Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 6Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 7Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 8Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 9Page - Intersil Corporation ISL60002BIH311Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6
FN8082.16
May 4, 2009
Electrical Specifications ISL60002-18, VOUT = 1.800V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA =-40 to
+85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
1.800
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B18
-1.0
+1.0
mV
ISL60002C18
-2.5
+2.5
mV
ISL60002D18
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-20, VOUT = 2.048V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA =-40 to
+85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
2.048
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B20
-1.0
+1.0
mV
ISL60002C20
-2.5
+2.5
mV
ISL60002D20
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-25, VOUT = 2.500V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA =-40 to
+85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
2.500
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B25
-1.0
+1.0
mV
ISL60002C25
-2.5
+2.5
mV
ISL60002D25
-5.0
+5.0
mV
VIN
Input Voltage Range
2.7
5.5
V
Electrical Specifications ISL60002-26, VOUT = 2.600V (Additional specifications on page 8, “Common Electrical Specifications”)
Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA =-40 to
+85°C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
2.600
V
VOA
VOUT Accuracy (Note 3)
TA = +25°C
ISL60002B26
-1.0
+1.0
mV
ISL60002C26
-2.5
+2.5
mV
ISL60002D26
-5.0
+5.0
mV
VIN
Input Voltage Range
2.8
5.5
V
TC VOUT
Output Voltage Temperature
Coefficient (Note 3)
20
ppm/°C
IIN
Supply Current
350
900
nA
ΔVOUT/ΔVIN
Line Regulation
+2.8V
≤ VIN ≤ +5.5V
80
350
µV/V
ΔVOUT/ΔIOUT
Load Regulation
0mA
≤ ISOURCE ≤ 7mA
25
100
µV/mA
-7mA
≤ I
SINK ≤ 0mA
50
250
µV/mA
ΔVOUT/ΔTA
Thermal Hysteresis (Note 4)
ΔTA = +125°C
100
ppm
ΔVOUT/Δt
Long Term Stability (Note 5)
TA = +25°C; First 1khrs
50
ppm
ISL60002


Número de pieza similar - ISL60002BIH311Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 31P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 35P
   Precision Low Power FGA??Voltage References
ISL60002BIH311Z-TK INTERSIL-ISL60002BIH311Z-TK Datasheet
2Mb / 36P
   Precision Low Power FGA??Voltage References
logo
Renesas Technology Corp
ISL60002BIH311Z-TK RENESAS-ISL60002BIH311Z-TK Datasheet
2Mb / 40P
   Precision Low Power FGA Voltage References
More results

Descripción similar - ISL60002BIH311Z-TK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com