Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL54209IRUZ-T Datasheet(PDF) 6 Page - Intersil Corporation

No. de pieza ISL54209IRUZ-T
Descripción Electrónicos  MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54209IRUZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL54209IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 9Page - Intersil Corporation ISL54209IRUZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6627.4
June 10, 2010
Skew, tSKEW
VDD = 3.0V, IN = 3V, CTRL = 3V, RL = 45Ω,
CL = 10pF, tR = tF = 720ps at 480Mbps,
(Duty Cycle = 50%) (Figure 7)
25
-
50
-
ps
Total Jitter, tJ
VDD =3.0V, IN = 3V, CTRL = 3V, RL = 50Ω,
CL = 10pF, tR = tF = 750ps at 480Mbps
25
-
210
-
ps
Propagation Delay, tPD
VDD = 3.0V, IN = 3V, CTRL = 3V, RL = 45Ω,
CL = 10pF (Figure 7)
25
-
250
-
ps
Audio Crosstalk
R to COM-, L to COM+
VDD = 3.0V, IN = 0V, CTRL = 3.0V,
RL =32Ω, f = 20Hz to 20kHz, VR or
VL = 0.707VRMS (2VP-P) (Figure 6)
25
-
-110
-
dB
Crosstalk
(Audio to USB, USB to
Audio)
VDD = 3.0V, RL = 50Ω, f = 100kHz
(Figure 6)
25
-
-95
-
dB
OFF-Isolation
VDD = 3.0V, RL = 50Ω, f = 100kHz
25
-
95
-
dB
OFF-Isolation
VDD = 3.0V, RL = 32Ω, f = 20Hz to 20kHz
25
-
114
-
dB
Total Harmonic Distortion f = 20Hz to 20kHz, VDD = 3.0V, IN = 0V,
CTRL = 3.0V, VL or VR = 180mVRMS
(509mVP-P), RL = 32Ω
25
-
0.013
-
%
Total Harmonic Distortion f = 20Hz to 20kHz, VDD = 3.0V, IN = 0V,
CTRL = 3.0V, VL or VR = 0.707VRMS (2VP-P),
RL = 32Ω
25
-
0.06
-
%
USB Switch -3dB
Bandwidth
Signal = 0dBm, 0.2VDC offset, RL = 50Ω, CL
= 5pF
25
-
736
-
MHz
D+/D- OFF-Capacitance,
CDxOFF
f = 1MHz, VDD = 3.0V, IN = 0V, CTRL = 3.0V,
VD- or VD+ = VCOMx = 0V (Figure 5)
25
-
3
-
pF
L/R OFF-Capacitance,
CLOFF, CROFF
f = 1MHz, VDD = 3.0V, IN = 3.0V, CTRL = 0V
or 3V, VL or VR = VCOMx = 0V (Figure 5)
25
-
5
-
pF
COM ON-Capacitance,
CCOMx(ON)
f = 1MHz, VDD = 3.0V, IN = 3.0V, CTRL = 0V
or 3V, VD- or VD+ = VCOMx = 0V (Figure 5)
25
-
8
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range,
VDD
Full
2.5
5.0
V
Positive Supply Current,
IDD
VDD = 3.6V, IN = 0V or 3.6V, CTRL = 3.6V
25
-
7
13
µA
Full
-
-
15
µA
Positive Supply Current,
IDD (Low Power State)
VDD = 3.6V, IN = 0V, CTRL = 0V or float
25
-
1
10
nA
Full
-
-
150
nA
Power OFF-Current, IDx
ICOMx
VDD = 0V, VDx = VCOMx = 5.25V, IN = CTRL
= Float
25
-
7
-
µA
DIGITAL INPUT CHARACTERISTICS
Voltage Low, VINL,
VCTRLL
VDD = 2.7V to 3.6V
Full
-
-
0.5
V
Voltage High, VINH,
VCTRLH
VDD = 2.7V to 3.6V
Full
1.4
-
-
V
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VINH = VCTRLH = 1.4V,
VINL = VCTRLL = 0.5V, (Note 11), Unless Otherwise Specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 12, 13) TYP
MAX
(Notes 12, 13) UNITS
ISL54209


Número de pieza similar - ISL54209IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54209IRUZ-T RENESAS-ISL54209IRUZ-T Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
More results

Descripción similar - ISL54209IRUZ-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL54215 RENESAS-ISL54215 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54215 INTERSIL-ISL54215 Datasheet
660Kb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Renesas Technology Corp
ISL54209 RENESAS-ISL54209 Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling and Low Power Shutdown
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com