Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL22426UFV14Z Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL22426UFV14Z
Descripción Electrónicos  Low Noise, Low Power, SPI Bus, 128 Taps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22426UFV14Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL22426UFV14Z Datasheet HTML 1Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 2Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 3Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 4Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 5Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 6Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 7Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 8Page - Intersil Corporation ISL22426UFV14Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN6180.2
September 8, 2009
VMATCH
(Note 11)
DCP to DCP Matching
Any two DCPs at same tap position, same
voltage at all RH terminals, and same voltage
at all RL terminals
-2
2
LSB
(Note 6)
TCV
(Note 12)
Ratiometric Temperature Coefficient
DCP register set to 40 hex
±4
ppm/°C
RESISTOR MODE (Measurements between RWi and RLi with RHi not connected, or between RWi and RHi with RLi not connected; i = 0 or 1)
RINL
(Note 16)
Integral Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions
-1
1
MI
(Note 13)
RDNL
(Note 15)
Differential Non-linearity
DCP register set between 10h and 7Fh;
monotonic over all tap positions, W option
-1
1
MI
(Note 13)
DCP register set between 10h and 7Fh;
monotonic over all tap positions, U option
-0.5
0.5
MI
(Note 13)
Roffset
(Note 14)
Offset
W option
0
1
7
MI
(Note 13)
U option
0
0.5
2
MI
(Note 13)
RMATCH
(Note 17)
DCP to DCP Matching
Any two DCPs at the same tap position with
the same terminal voltages
-2
2
MI
(Note 13)
Analog Specifications
Over recommended operating conditions, unless otherwise stated. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
Operating Specifications Over the recommended operating conditions, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 22)
TYP
(Note 5)
MAX
(Note 22)
UNIT
ICC1
VCC Supply Current (Volatile
Write/Read)
fSCK = 5MHz; (for SPI Active, Read and
Volatile Write states only)
0.5
mA
ICC2
VCC Supply Current (Non-volatile
Write/Read)
fSCK = 5MHz; (for SPI Active, Read and
Non-volatile Write states only)
3mA
ISB
VCC Current (Standby)
VCC = +5.5V @ +85°C, SPI interface in
standby state
5µA
VCC = +5.5V @ +125°C, SPI interface in
standby state
7µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
3µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
5µA
ISD
VCC Current (Shutdown)
VCC = +5.5V @ +85°C, SPI interface in
standby state
3µA
VCC = +5.5V @ +125°C, SPI interface in
standby state
5µA
VCC = +3.6V @ +85°C, SPI interface in
standby state
2µA
VCC = +3.6V @ +125°C, SPI interface in
standby state
4µA
ILkgDig
Leakage Current, at Pins SHDN, SCK,
SDI, SDO and CS
Voltage at pin from GND to VCC
-1
1
µA
tWRT
(Note 21)
Wiper Response Time After SPI Write
to WR Register
1.5
µs
ISL22426


Número de pieza similar - ISL22426UFV14Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL22426UFV14Z RENESAS-ISL22426UFV14Z Datasheet
1,023Kb / 15P
   Dual Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI™ Bus, 128 Taps
September 8, 2009
More results

Descripción similar - ISL22426UFV14Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL22429 INTERSIL-ISL22429 Datasheet
403Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22419 INTERSIL-ISL22419 Datasheet
406Kb / 13P
   Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
102Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
   Low Noise, Low Power, I2C짰 Bus, 128 Taps
ISL22316WMUEP INTERSIL-ISL22316WMUEP Datasheet
103Kb / 3P
   Low Noise, Low Power I2C짰 Bus, 128 Taps
November 11, 2011
ISL22316UFU10Z INTERSIL-ISL22316UFU10Z Datasheet
605Kb / 16P
   Low Noise, Low Power I2C??Bus,128 Taps
August 14, 2015
ISL22317TFRTZ INTERSIL-ISL22317TFRTZ Datasheet
600Kb / 15P
   Low Noise, Low Power, I2C??Bus, 128 Taps
April 15, 2010
X9250 INTERSIL-X9250 Datasheet
359Kb / 20P
   Low Noise/Low Power/SPI Bus/256 Taps
ISL22326UFV14Z INTERSIL-ISL22326UFV14Z Datasheet
612Kb / 17P
   Low Noise, Low Power, I2C™ Bus, 128 Taps
September 9, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com