Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL6114IRZA-T Datasheet(PDF) 9 Page - Intersil Corporation

No. de pieza ISL6114IRZA-T
Descripción Electrónicos  Dual Slot PCI-E Hot Plug Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6114IRZA-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6114IRZA-T Datasheet HTML 5Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 6Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 7Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 8Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 9Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 10Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 11Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 12Page - Intersil Corporation ISL6114IRZA-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
FN6457.0
September 25, 2007
Typical Application Diagram
SYSTEM
POWER
SUPPLY
PCI-EXPRESS CONNECTOR
+12V
+3.3V
VSTBY
VSTBYB
VSTBYA
VAUXA
12VINA
12VSENSEA
3VINA
3VSENSEA
12VINB
12VSENSEB
3VINB
3VSENSEB
12VGATEA
12VOUTA
3VGATEA
3VOUTA
3VGATEB
3VOUTB
VAUXB
GND
GND
PRSNTA
PRSNTB
L/R
ONB
ONA
GPI_B0
GPI_A0
FORCE_ONB
FORCE_ONA
AUXENB
AUXENA
PERSTA
GPOB
GPOA
12VGATEB
12VOUTB
CFILTERA
CFILTERB
ISL6113
#CGS
22nF
*
R12VGATEA
15
Ω
#
CGATE
22nF
#
CGD
6800pF
15
Ω
RSENSE^
PCI
EXPRESS
BUS
3.3AUX
375mA
3.3V
3.0A
12V
2.1A (x4/x8)
RSENSE^
#CGS
22nF
*
R12VGATEB
15
Ω
#CGD
6800pF
RSENSE^
0.015
Ω
#CGATE
22nF
*R3VGATEB
RSENSE^
0.015
Ω
PCI-EXPRESS CONNECTOR
PCI
EXPRESS
DATA BUS
3.3AUX
375mA
3.3V
3.0A
12V
2.1A (x4/x8)
* Values for R12VGATE and R3VGATE may vary
depending upon the CGS of the external MOSFETs.
# These components are not required for ISL6113/4
operation but can be implemented for GATE output
slew rate control (application specific)
• Bold lines indicate high current paths
4
9
2
11
26
5
8
3
10
12
13
14
16
32
29
34
27
25
24
23
21
22
17
GND
33
46
15
15
Ω
*R3VGATEA
0.1µF
0.1µF
0.1µF
0.1 F
0.1µF
0.1µF
FAULTB
FAULTA
PWRGDB
PWRGDA
1
ONB
ONA
AUXENB
AUXENA
HOT-PLUG
CONTROLLER
48
47
37
43
42
38
28
35
45
44
VSTBY
C1
C2
VSTBY
10k x 3
10k x 4
39
40
41
GPI_B0
100k
100k
100k
100k
GPI_A0
VSTBY
FORCE_ONB
FORCE_ONA
FAULTB
FAULTA
PWRGDB
PWRGDA
36
31
6
VSTBY
10k x 4
^ RSENSE value is application specific
short pin GND on connector
short pin GND on connector
Float for latch / GND for retry
PERSTA
18
VSTBY
ISL6114
ISL6113, ISL6114


Número de pieza similar - ISL6114IRZA-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6114IRZA-T RENESAS-ISL6114IRZA-T Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
More results

Descripción similar - ISL6114IRZA-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL6113 RENESAS-ISL6113 Datasheet
1Mb / 24P
   Dual Slot PCI-E Hot Plug Controllers
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5959 MAXIM-MAX5959 Datasheet
97Kb / 1P
   Quad PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5957 MAXIM-MAX5957 Datasheet
634Kb / 25P
   Triple PCI Express, Hot-Plug Controllers
Rev 0; 7/07
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com